Electronic Components Datasheet Search
  English  ▼

X  

TDA1310 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1310
Description  Stereo Continuous Calibration DAC CC-DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1310 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1310 Datasheet HTML 4Page - NXP Semiconductors TDA1310 Datasheet HTML 5Page - NXP Semiconductors TDA1310 Datasheet HTML 6Page - NXP Semiconductors TDA1310 Datasheet HTML 7Page - NXP Semiconductors TDA1310 Datasheet HTML 8Page - NXP Semiconductors TDA1310 Datasheet HTML 9Page - NXP Semiconductors TDA1310 Datasheet HTML 10Page - NXP Semiconductors TDA1310 Datasheet HTML 11Page - NXP Semiconductors TDA1310 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
May 1994
8
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1310A
Notes
1. Vripple = 1% of supply voltage; fripple = 100 Hz.
2. Measured with 1 kHz sine wave generated at sampling rate of 192 kHz.
(THD+N)/S
total harmonic distortion plus
noise-to-signal ratio
at 0 dB signal level;
note 2
−−65
−61
dB
−
0.05
0.08
%
at
−60 dB signal level;
note 2
−−30
−24
dB
−
36
%
at
−60 dB signal level;
A-weighted; note 2
−−33
−
dB
−
2.2
−
%
at
−60 dB signal level;
A-weighted; note 2;
R3 =R4=11 k
Ω;
see Fig.1; IFS =2mA
−
1.7
−
%
at 0 dB signal level;
f = 20 Hz to 20 kHz
−−65
−61
dB
−
0.05
0.08
%
tcs
current settling time to
±1 LSB
−
0.2
−µs
αcs
channel separation
86
95
−
dB
|∆I
O|
unbalance between outputs
IOL and IOR
note 1
−
0.2
0.3
dB
|t
d|
time delay between outputs
IOL and IOR
−±0.2
−µs
S/N
signal-to-noise ratio at bipolar
zero
A-weighted at code
0000H
86
92
−
dB
A-weighted; IFS = 2 mA;
R3 =R4=11 k
Ω;
see Fig.1
−
95
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com