Electronic Components Datasheet Search
  English  ▼

X  

TDA1311AT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1311AT
Description  Stereo Continuous Calibration DAC CC-DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1311AT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1311AT Datasheet HTML 1Page - NXP Semiconductors TDA1311AT Datasheet HTML 2Page - NXP Semiconductors TDA1311AT Datasheet HTML 3Page - NXP Semiconductors TDA1311AT Datasheet HTML 4Page - NXP Semiconductors TDA1311AT Datasheet HTML 5Page - NXP Semiconductors TDA1311AT Datasheet HTML 6Page - NXP Semiconductors TDA1311AT Datasheet HTML 7Page - NXP Semiconductors TDA1311AT Datasheet HTML 8Page - NXP Semiconductors TDA1311AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Dec 18
4
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC
(CC-DAC)
TDA1311A
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBG858
32 (5-BIT)
CALIBRATED
CURRENT
SOURCES
1 CALIBRATED
SPARE SOURCE
11-BIT
PASSIVE
DIVIDER
LEFT BIT SWITCHES
6
I/V
LEFT INPUT REGISTER
LEFT OUTPUT REGISTER
RIGHT BIT SWITCHES
RIGHT INPUT REGISTER
RIGHT OUTPUT REGISTER
8
I/V
32 (5-BIT)
CALIBRATED
CURRENT
SOURCES
1 CALIBRATED
SPARE SOURCE
11-BIT
PASSIVE
DIVIDER
REFERENCE
SOURCE
CONTROL
AND TIMING
1
2
3
5
4
C2
100 nF
VDD
VOR
IOR
GND
TDA1311A
TDA1311AT
VOL
BCK
WS
DATA
IOL
PINNING
SYMBOL
PIN
DESCRIPTION
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
supply voltage
VOL
6
left channel output
n.c.
7
not connected
VOR
8
right channel output
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MBG859
TDA1311A
TDA1311AT
BCK
WS
DATA
GND
VDD
VOL
VOR
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com