Electronic Components Datasheet Search
  English  ▼

X  

MAX2410 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2410
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2410 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2410_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2410_1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connections and Setup
This section provides a step-by-step guide to operating
the EV kit and testing all four major functions: the LNA,
receive mixer, transmit mixer, and PA driver. Do not
turn on the DC power or RF signal generators until
all connections are made.
Low-Noise Amplifier
1) Set the RXEN jumper on the EV kit to the “Logic 1”
position and the TXEN jumper to the “Logic 0” posi-
tion. This enables the MAX2410’s receive mode.
2) Connect a DC supply set to 3V (through an amme-
ter if desired) to the VCC and GND terminals on the
EV kit. Do not turn on the supply.
3) Connect one RF signal generator to the LNAIN SMA
connector; do not turn on the generator’s output.
Set the generator for an output frequency of 1.9GHz
at a power level of -40dBm.
4) Connect a spectrum analyzer to the LNAOUT SMA
connector on the EV kit. Set it to a center frequency
of 1.9GHz, a total span of 200MHz, and a reference
level of 0dBm.
5) Turn on the DC supply. The supply current should
read approximately 20mA (if using an ammeter).
6) Activate the RF generator’s output. A signal on the
spectrum analyzer’s display should indicate a typi-
cal gain of 16.2dB after accounting for cable losses.
7) If desired, the shutdown feature can be tested by
moving the RXEN jumper into the “Logic 0” position.
The supply current should drop to less than 10µA.
Receive Downconverter Mixer
1) Remove the RF signal generator and spectrum ana-
lyzer from the LNAIN and LNAOUT connections if
necessary. The DC supply connections needed for
testing the downconverter mixer are the same as in
the LNA section. Turn off the DC supply while mak-
ing connections.
2) Set the RXEN jumper on the EV kit to the “Logic 1”
position and the TXEN jumper to the “Logic 0” posi-
tion. This enables the MAX2410’s receive mode.
3) Connect one RF signal generator (with the output
disabled) to the LO SMA connector. Set the fre-
quency to 1.5GHz and the output power to -10dBm.
This is the LO signal.
4) Connect the other RF signal generator to the RXMXIN
SMA connector (with the output disabled). Set the
frequency to 1.9GHz and the output power to
-30dBm. This is the RF input signal.
5) Connect the spectrum analyzer to the IFOUT SMA
connector. Set the spectrum analyzer to a 400MHz
center frequency, a 200MHz total span, and a
0dBm reference level.
6) Turn on the DC supply, LO signal generator, and RF
input signal generator.
7) The downconverted output signal at 400MHz is visi-
ble on the spectrum analyzer, indicating a mixer
conversion gain of typically 8.3dB after accounting
for cable losses.
Power-Amplifier Driver
1) Remove any RF signal connections made in the
above tests. The VCC and GND connections should
remain as before. Turn off the VCC supply while
making connections.
2) Set the RXEN jumper to the “Logic 0” position and
the TXEN jumper to the “Logic 1” position. This
enables the MAX2410’s transmit mode.
3) Set the voltage source to be used for the gain-con-
trol voltage to 2.15V, and turn it off. Connect it to the
middle pin of the VGC jumper on the EV kit.
4) Connect an RF signal generator set to 1.9GHz, at a
power level of -10dBm with the output disabled, to
the PADRIN SMA connector.
5) Connect the PADROUT SMA connector to the spec-
trum analyzer. Configure the analyzer to a center
frequency of 1.9GHz, a reference level of +10dBm,
and 200MHz total span.
6) Turn on the DC supply, VGC voltage source, and RF
signal generator.
7) The supply current should read typically 30mA. A
1.9GHz signal should be visible on the spectrum
analyzer’s display indicating a typical gain of 15dB
after accounting for cable losses.
8) Lowering the voltage on the VGC voltage source to
0V should reduce the gain by typically 35dB.
Transmit Upconverter Mixer
1) Remove any RF signal connections made in the
above tests. The VCC and GND connections should
remain as before. Turn off the VCC supply. The VGC
voltage source is not needed for this test.
2) Set the RXEN jumper to the “Logic 0” position and
the TXEN jumper to the “Logic 1” position. This
enables the MAX2410’s transmit mode.
3) Connect one RF signal generator (with the output
disabled) to the LO SMA connector. Set the fre-
quency to 1.5GHz and the output power to -10dBm.
This is the LO signal.
MAX2410 Evaluation Kit
2
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com