Electronic Components Datasheet Search
  English  ▼

X  

PL611S-28-XXXTC-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL611S-28-XXXTC-R
Description  1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-28-XXXTC-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL611S-28-XXXTC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-28-XXXTC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
(Preliminary)PL611 s-28
1.8V-3.3V PicoPLL
TM, World’s Smallest Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 3/9/07 Page 5
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =3.3V, 27MHz,
load=15pF
4.0
mA
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =2.5V, 27MHz,
load=10pF
2.7
mA
Supply Current, Dynamic with
Loaded CMOS Outputs
IDD
@ VDD =1.8V, 27MHz,
load=5pF
1.2
mA
PLL Off: Supply Current, Dynamic,
with Loaded CMOS Output
IDD
@ VDD =3.3V, 27MHz,
load=15pF
2.0
mA
PLL Off: Supply Current, Dynamic,
with Loaded CMOS Output
IDD
@ VDD =2.5V, 27MHz,
load=10pF
1.3
mA
PLL Off: Supply Current, Dynamic
with Loaded CMOS Output
IDD
@ VDD =1.8V, 27MHz,
load=5pF
0.8
mA
Supply Current, Dynamic, with
Loaded Outputs
IDD
When PDB=0
5
A
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low Drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard Drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
* Note: Please contact PhaseLink, if super-low-power is required.
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
10
50
MHz
Crystal Loading Rating
(The IC can be programmed for any value in this range.)
CL (xtal)
8
12
pF
Maximum Sustainable Drive Level
100
µW
Operating Drive Level
30
µW
Shunt Capacitance
C0
5.5
pF
Metal Can Crystal
ESR Max
ESR
50
Shunt Capacitance
C0
2.5
pF
Small SMD Crystal
ESR Max
ESR
80



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com