Electronic Components Datasheet Search
  English  ▼

X  

LT1228IS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1228IS8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228IS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1228IS8 Datasheet HTML 9Page - Linear Technology LT1228IS8 Datasheet HTML 10Page - Linear Technology LT1228IS8 Datasheet HTML 11Page - Linear Technology LT1228IS8 Datasheet HTML 12Page - Linear Technology LT1228IS8 Datasheet HTML 13Page - Linear Technology LT1228IS8 Datasheet HTML 14Page - Linear Technology LT1228IS8 Datasheet HTML 15Page - Linear Technology LT1228IS8 Datasheet HTML 16Page - Linear Technology LT1228IS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1228
1228fc
S
APPLICATI
I FOR ATIO
Capacitive Loads
The LT1228 current feedback amplifier can drive capaci-
tive loads directly when the proper value of feedback
resistor is used. The graph of Maximum Capacitive Load
vs Feedback Resistor should be used to select the appro-
priate value. The value shown is for 5dB peaking when
driving a 1k load, at a gain of 2. This is a worst case
condition, the amplifier is more stable at higher gains, and
driving heavier loads. Alternatively, a small resistor (10
Ω
to 20
Ω) can be put in series with the output to isolate the
capacitive load from the amplifier output. This has the
advantage that the amplifier bandwidth is only reduced
when the capacitive load is present and the disadvantage
that the gain is a function of the load resistance.
Slew Rate
The slew rate of the current feedback amplifier is not
independent of the amplifier gain configuration the way it
is in a traditional op amp. This is because the input stage
and the output stage both have slew rate limitations. The
input stage of the LT1228 current feedback amplifier slews
at about 100V/
µs before it becomes nonlinear. Faster
input signals will turn on the normally reverse biased
emitters on the input transistors and enhance the slew rate
significantly. This enhanced slew rate can be as much as
3500V/
µs!
Current Feedback Amp Large-Signal Response
VS = ±15V, RF = RG = 750ΩSlew Rate Enhanced
The output slew rate is set by the value of the feedback
resistors and the internal capacitance. At a gain of ten with
a 1k feedback resistor and
±15V supplies, the output slew
rate is typically 500V/
µs and –850V/µs. There is no input
stage enhancement because of the high gain. Larger
feedback resistors will reduce the slew rate as will lower
supply voltages, similar to the way the bandwidth is
reduced.
Current Feedback Amp Large-Signal Response
VS = ±15V, RF = 1k, RG = 110Ω, RL = 400Ω
Settling Time
The characteristic curves show that the LT1228 current
feedback amplifier settles to within 10mV of final value in
40ns to 55ns for any output step less than 10V. The curve
of settling to 1mV of final value shows that there is a slower
thermal contribution up to 20
µs. The thermal settling
component comes from the output and the input stage.
The output contributes just under 1mV/V of output change
and the input contributes 300
µV/V of input change.
Fortunately the input thermal tends to cancel the output
thermal. For this reason the noninverting gain of two
configuration settles faster than the inverting gain of one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com