Electronic Components Datasheet Search
  English  ▼

X  

TDA1312 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1312
Description  Stereo continuous calibration DAC CC-DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1312 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1312 Datasheet HTML 4Page - NXP Semiconductors TDA1312 Datasheet HTML 5Page - NXP Semiconductors TDA1312 Datasheet HTML 6Page - NXP Semiconductors TDA1312 Datasheet HTML 7Page - NXP Semiconductors TDA1312 Datasheet HTML 8Page - NXP Semiconductors TDA1312 Datasheet HTML 9Page - NXP Semiconductors TDA1312 Datasheet HTML 10Page - NXP Semiconductors TDA1312 Datasheet HTML 11Page - NXP Semiconductors TDA1312 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
July 1993
8
Philips Semiconductors
Preliminary specification
Stereo continuous calibration
DAC (CC-DAC)
TDA1312A; TDA1312AT
Note
1. Measured with 1 kHz sinewave generated at sampling rate of 192 kHz.
Analog outputs; pins VOL and VOR
tcs
current settling time to
±1 LSB
−
0.2
−µs
α
channel separation
75
80
−
dB
δI
O
unbalance between outputs
note 1
−
0.2
0.3
dB
t
d
time delay between outputs
−±0.2
−µs
S/N
signal-to-noise ratio at bipolar zero
A-weighted;
at code 0000H
86
92
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.4 Input signals timing.
handbook, full pagewidth
MGE227
tCY
>54
SAMPLE OUT
MSB
LSB
DATAR
DATAL
BCK
WS
RIGHT
LEFT
tf
<12
tr
<12
tBCKL
>15
tBCKH
>15
tHD; WS
>2
tSU; DAT
>12
tHD; DAT
>2
tSU; WS
>12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com