Electronic Components Datasheet Search
  English  ▼

X  

LT1239CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1239CS
Description  Backup Battery Management Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1239CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1239CS Datasheet HTML 4Page - Linear Technology LT1239CS Datasheet HTML 5Page - Linear Technology LT1239CS Datasheet HTML 6Page - Linear Technology LT1239CS Datasheet HTML 7Page - Linear Technology LT1239CS Datasheet HTML 8Page - Linear Technology LT1239CS Datasheet HTML 9Page - Linear Technology LT1239CS Datasheet HTML 10Page - Linear Technology LT1239CS Datasheet HTML 11Page - Linear Technology LT1239CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1239
APPLICATIONS INFORMATION
backup batteries have been completely discharged. Once the
backup batteries are charged the power in regulator 1 drops
significantly. The power in regulator 2 when regulator 2 is
providing power to the memory will be equal to:
(VBACKUPBATTERY – 4.85V) × IOUT
IOUT is the current needed to power the memory and power
monitoring circuitry.
Example: (6.8V – 4.85V)
× 30mA = 58.5mW
The power in the comparator when the comparator is provid-
ing power to the memory will be equal to:
(VSAT × IOUT)
IOUT is the current needed to power the memory and power
monitoring circuitry. Comparator Output Saturation Voltage
vs Output Current can be found in the Typical Performance
Characteristics.
Example: (VSAT × ILOAD) = (0.15V × 30mA) = 4.5mW
Note that power for memory will be supplied by either
regulator 2 or the comparator. The power in the error
amplifier when the cells are unequalized will be equal to:
(VBACKUPBATTERY/2) × 3mA
Example: (6.8V/2)
× 3mA = 10.2mW
This component goes to zero when the cell voltages are
equalized.
The thermal resistance of the LT1239 is 120
°C/W when
the device is mounted to a PC board with at least one
ground or power plane. The junction temperature rise will
be equal to the total power in the device multiplied by
120
°C/W or (PTOTAL × 120°C/W). For 300mW dissipation
the junction temperature rise will be (300mW
× 120°C/W)
= 36
°C. Given that the thermal limit temperature is ap-
proximately 100
°C, this allows for a maximum ambient
temperature of roughly 60
°C before the device thermal
limits. This temperature is near the maximum ambient
allowed for most battery types.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 5. Adding a Protection Resistor for Lithium-Ion Charger
LT1239
IN 1
GND
OUT 1
IMON1
ADJ
E/A (IN)
E/A (0UT)
R3
604k
LT1239 • F05
+
+
10
µF
MAIN
BATTERY
PACK
R4 >
V1 – V2
MAX CHARGE CURRENT
R2
69.8k
R1
681k
V1
V2
3.4V Li-Ion
CELL
3.4V Li-Ion
CELL
*R4
C1
300pF
*THIS RESISTOR IS REQUIRED
BY SOME SAFETY AGENCIES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com