Electronic Components Datasheet Search
  English  ▼

X  

MAX9986A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9986A
Description  SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9986A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9986A Datasheet HTML 1Page - Maxim Integrated Products MAX9986A Datasheet HTML 2Page - Maxim Integrated Products MAX9986A Datasheet HTML 3Page - Maxim Integrated Products MAX9986A Datasheet HTML 4Page - Maxim Integrated Products MAX9986A Datasheet HTML 5Page - Maxim Integrated Products MAX9986A Datasheet HTML 6Page - Maxim Integrated Products MAX9986A Datasheet HTML 7Page - Maxim Integrated Products MAX9986A Datasheet HTML 8Page - Maxim Integrated Products MAX9986A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Operating Characteristics
(MAX9986A Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fLO > fRF, fIF = 160MHz, unless otherwise noted.)
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
6
7
8
9
10
5
740
1040
TC = -40
°C
TC = -25
°C
TC = +25
°C
TC = +85
°C
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
6
7
8
9
10
5
740
1040
PLO = -3dBm, 0dBm, +3dBm
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
6
7
8
9
10
5
740
1040
VCC = 4.75V, 5.0V, 5.25V
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
22
23
24
25
26
27
28
21
740
1040
TC = -40
°C
TC = +25
°C
TC = +85
°C
TC = -25
°C
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
22
23
24
25
26
27
28
21
740
1040
PLO = -3dBm, 0dBm, +3dBm
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
990
940
890
840
790
22
23
24
25
26
27
28
21
740
1040
VCC = 4.75V
VCC = 5.25V
VCC = 5.0V
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
950
900
850
800
7
8
9
10
11
12
6
750
1000
TC = -40
°C
TC = -25
°C
TC = +25
°C
IF = 190MHz
TC = +85
°C
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
950
900
850
800
7
8
9
10
11
12
6
750
1000
PLO = +3dBm
PLO = -3dBm, 0dBm
IF = 190MHz
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
950
900
850
800
7
8
9
10
11
12
6
750
1000
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V
IF = 190MHz
SiGe High-Linearity, 815MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com