Electronic Components Datasheet Search
  English  ▼

X  

TDA1386 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1386
Description  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1386 Datasheet HTML 1Page - NXP Semiconductors TDA1386 Datasheet HTML 2Page - NXP Semiconductors TDA1386 Datasheet HTML 3Page - NXP Semiconductors TDA1386 Datasheet HTML 4Page - NXP Semiconductors TDA1386 Datasheet HTML 5Page - NXP Semiconductors TDA1386 Datasheet HTML 6Page - NXP Semiconductors TDA1386 Datasheet HTML 7Page - NXP Semiconductors TDA1386 Datasheet HTML 8Page - NXP Semiconductors TDA1386 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Jan 06
2
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
FEATURES
General
• Double-speed mode
• Digital volume control
• Soft mute function
• 12 dB attenuation
• Low power dissipation
• Digital de-emphasis.
Easy application
• Voltage output
• Only 1st-order analog post-filtering required
• Operational amplifiers and digital filter integrated
• 256fs system clock (fsys)
• I2S-bus or 16, 18 or 20 bits LSB fixed serial input format
• Single rail supply.
High performance
• Superior signal-to-noise ratio
• Wide dynamic range
• No zero crossing distortion
• Inherently monotonic
• Continuous calibration digital-to-analog conversion
combined with noise shaping technique.
GENERAL DESCRIPTION
The TDA1386T is a dual CMOS digital-to-analog converter
with up-sampling filter and noise shaper. The combination
of oversampling up to 4fs, noise shaping and continuous
calibration conversion ensures that only simple 1st order
analog post filtering is required.
The TDA1386T supports the I2S-bus data input mode with
word lengths of up to 20 bits and the LSB fixed serial data
input format with word lengths of 16, 18 or 20 bits.
Two cascaded IIR filters increase the sampling rate
4 times.
The DACs are of the continuous calibration type and
incorporate a special data coding. This ensures a high
signal-to-noise ratio, wide dynamic range and immunity to
process variation and component ageing.
Two on-board operational amplifiers convert the
digital-to-analog current to an output voltage.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1386T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com