Electronic Components Datasheet Search
  English  ▼

X  

TDA1387 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1387
Description  Stereo Continuous Calibration DAC CC-DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1387 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1387 Datasheet HTML 1Page - NXP Semiconductors TDA1387 Datasheet HTML 2Page - NXP Semiconductors TDA1387 Datasheet HTML 3Page - NXP Semiconductors TDA1387 Datasheet HTML 4Page - NXP Semiconductors TDA1387 Datasheet HTML 5Page - NXP Semiconductors TDA1387 Datasheet HTML 6Page - NXP Semiconductors TDA1387 Datasheet HTML 7Page - NXP Semiconductors TDA1387 Datasheet HTML 8Page - NXP Semiconductors TDA1387 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1995 Dec 11
2
Philips Semiconductors
Preliminary specification
Stereo Continuous Calibration DAC (CC-DAC)
TDA1387T
FEATURES
• Low power consumption
• Low total harmonic distortion
• Wide dynamic range (16-bit resolution)
• Continuous Calibration (CC) concept
• Single 3 to 5.5 V supply rail
• Output and bias current are proportional to the supply
voltage
• Fast settling time enables 2, 4 and 8 times
oversampling (serial input) or double-speed operation at
4 times oversampling
• Internal bias current ensures maximum dynamic range
• Wide operating temperature range (−40 to + 85 °C)
• I2S-bus input format (time multiplex, two’s complement,
TTL)
• No zero-crossing distortion
• Large DC output voltage compliance
• Contained in small outline package.
APPLICATIONS
• Portable digital audio equipment.
GENERAL DESCRIPTION
The TDA1387T is a member of a generation of
digital-to-analog converters which incorporates the
innovative technique of Continuous Calibration. The
largest bit currents are repeatedly generated from one
single reference current. This duplication is based upon an
internal charge storage principle and has an accuracy
which is insensitive to ageing, temperature and process
variations.
The TDA1387T is fabricated in a 1.0
µm CMOS process
and features an extremely low power dissipation, small
package size and easy application. The intrinsic high
coarse current accuracy combined with the implemented
symmetrical offset decoding method preclude
zero-crossing distortion and ensure high quality audio
reproduction. The CC-DAC is eminently suitable for use in
portable digital audio equipment.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1387T
SO8
plastic small outline package; 8 leads; body width 3.9 mm.
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com