Electronic Components Datasheet Search
  English  ▼

X  

TDA1514 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1514
Description  50 W high performance hi-fi amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1514 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1514 Datasheet HTML 2Page - NXP Semiconductors TDA1514 Datasheet HTML 3Page - NXP Semiconductors TDA1514 Datasheet HTML 4Page - NXP Semiconductors TDA1514 Datasheet HTML 5Page - NXP Semiconductors TDA1514 Datasheet HTML 6Page - NXP Semiconductors TDA1514 Datasheet HTML 7Page - NXP Semiconductors TDA1514 Datasheet HTML 8Page - NXP Semiconductors TDA1514 Datasheet HTML 9Page - NXP Semiconductors TDA1514 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
May 1992
8
Philips Semiconductors
Product specification
50 W high performance hi-fi amplifier
TDA1514A
(1) Mounting base to connected to
−V
P.
(2) When used without a bootstrap these components are disconnected and pin 6 is connected to
pin 7 thus decreasing the output power by approximately 4 W.
(3) When RL = 4 Ω: R4 = 47 Ω and R5 = 82 Ω.
Fig.4 Application and test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com