Electronic Components Datasheet Search
  English  ▼

X  

TDA1515 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1515
Description  24 W BTL or 2 x 12 W stereo car radio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1515 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1515 Datasheet HTML 2Page - NXP Semiconductors TDA1515 Datasheet HTML 3Page - NXP Semiconductors TDA1515 Datasheet HTML 4Page - NXP Semiconductors TDA1515 Datasheet HTML 5Page - NXP Semiconductors TDA1515 Datasheet HTML 6Page - NXP Semiconductors TDA1515 Datasheet HTML 7Page - NXP Semiconductors TDA1515 Datasheet HTML 8Page - NXP Semiconductors TDA1515 Datasheet HTML 9Page - NXP Semiconductors TDA1515 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 1994
8
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo
car radio power amplifier
TDA1515BQ
Fig.3 Test/application circuit bridge tied load (BTL).
(1) Belongs to power supply.
handbook, full pagewidth
stand-by switch
0.1
µF
100
µF
100
µF
100 k
Ω
100 k
Ω
47
µF
0.1
µF
0.1
µF
100 k
Ω
100 k
Ω
1 k
Ω 0.1 µF
4.7
Ω
10
µF
R L
1 mF
1 mF
1 k
Ω
0.1
µF
4.7
Ω
10
µF
(1)
VP
TDA1515BQ
MLA320 - 1
R L
4
3
11
10
12
13
2
1
65
98
7
Fig.4 Test/application circuit stereo.
(1) Belongs to power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com