Electronic Components Datasheet Search
  English  ▼

X  

LTC2487 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2487
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487 Datasheet(HTML) 2 Page - Linear Technology

  LTC2487 Datasheet HTML 1Page - Linear Technology LTC2487 Datasheet HTML 2Page - Linear Technology LTC2487 Datasheet HTML 3Page - Linear Technology LTC2487 Datasheet HTML 4Page - Linear Technology LTC2487 Datasheet HTML 5Page - Linear Technology LTC2487 Datasheet HTML 6Page - Linear Technology LTC2487 Datasheet HTML 7Page - Linear Technology LTC2487 Datasheet HTML 8Page - Linear Technology LTC2487 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2487

2487fa
absoluTe MaxiMuM raTings
(Notes 1, 2)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2487CDE#PBF
LTC2487IDE#PBF
LTC2487CDE#TRPBF
LTC2487IDE#TRPBF
2487
2487
14-Lead (4mm
× 3mm) Plastic DFN
14-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage
(CH0 to CH3, COM) ..................–0.3V to (VCC + 0.3V)
REF+, REF–....................................–0.3V to (VCC + 0.3V)
Digital Input Voltage......................–0.3V to (VCC + 0.3V)
Digital Output Voltage ...................–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2487C ................................................ 0°C to 70°C
LTC2487I ............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
REF–
REF+
VCC
CH3
CH2
CH1
CH0
FO
CA0
CA1
SCL
SDA
GND
COM
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com