Electronic Components Datasheet Search
  English  ▼

X  

TDA1516 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1516
Description  24 W BTL or 2 x 12 watt stereo car radio power amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1516 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1516 Datasheet HTML 3Page - NXP Semiconductors TDA1516 Datasheet HTML 4Page - NXP Semiconductors TDA1516 Datasheet HTML 5Page - NXP Semiconductors TDA1516 Datasheet HTML 6Page - NXP Semiconductors TDA1516 Datasheet HTML 7Page - NXP Semiconductors TDA1516 Datasheet HTML 8Page - NXP Semiconductors TDA1516 Datasheet HTML 9Page - NXP Semiconductors TDA1516 Datasheet HTML 10Page - NXP Semiconductors TDA1516 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
July 1994
8
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 watt stereo car radio
power amplifier
TDA1516BQ
Notes to the characteristics
1. All characteristics, for stereo application are measured using the circuit shown in Fig.3.
2. The circuit is d.c. adjusted at VP = 6 V to 18 V and a.c. operating at VP = 8,5 to 18 V.
3. At 18 V < VP < 30 V the d.c. output voltage ≤ VP/2.
4. Output power is measured directly at the output pins of the IC.
5. With bootstrap and a 100 k
Ω resistor from pin 12 to the positive supply voltage (V
P), value of bootstrap capacitor is
47
µF.
6. Frequency response externally fixed.
7. Ripple rejection measured at the output with a source impedance of 0
Ω (maximum ripple amplitude of 2 V) and a
frequency between 1 kHz and 10 kHz.
8. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
9. Noise output voltage independent of RS (VI = 0 V).
10. All characteristics, for BTL application are measured using the circuit shown in Fig.4.
BTL application
note 10
Output power
THD = 0,5%
Po
15,5
17,0
−
W
THD = 10%
Po
20
22
−
W
note 5; THD = 10%
Po
21
24
−
W
Output power at VP
= 13,2 V
THD = 0,5%
Po
−
13,5
−
W
THD = 10%
Po
−
17
−
W
note 5; THD = 10%
Po
−
19
−
W
Power bandwidth
THD = 0,5%
Po = 15 W
Bw
−
20 to
−
Hz
15 000
Low frequency roll-off
note 6;
−3 dB
fL
−
25
−
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
25
26
27
dB
Supply voltage ripple
rejection:
note 7
ON
RR
48
−−
dB
mute
RR
48
−−
dB
stand-by
RR
80
−−
dB
Input impedance
|ZI|25
30
38
k
Ω
Noise output voltage
note 8;
ON
RS = 0 Ω
Vno(rms)
−
70
−µV
ON
RS = 10 kΩ
Vno(rms)
−
100
200
µV
mute
note 9
Vno(rms)
−
60
−µV
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com