Electronic Components Datasheet Search
  English  ▼

X  

TDA1517 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1517
Description  2 x 6 W stereo power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1517 Datasheet HTML 4Page - NXP Semiconductors TDA1517 Datasheet HTML 5Page - NXP Semiconductors TDA1517 Datasheet HTML 6Page - NXP Semiconductors TDA1517 Datasheet HTML 7Page - NXP Semiconductors TDA1517 Datasheet HTML 8Page - NXP Semiconductors TDA1517 Datasheet HTML 9Page - NXP Semiconductors TDA1517 Datasheet HTML 10Page - NXP Semiconductors TDA1517 Datasheet HTML 11Page - NXP Semiconductors TDA1517 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1998 Apr 28
8
Philips Semiconductors
Product specification
2
× 6 W stereo power amplifier
TDA1517; TDA1517P
Fig.5 Standby, mute and on conditions.
handbook, halfpage
8.5
0
MLC355
V
18
6.4
3.3
2
11
(V)
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
,,,,,,,
ON (I = 40 mA)
P
mute (I = 40 mA)
P
standby (I
100
µA)
P
APPLICATION INFORMATION
Fig.6 Application circuit diagram.
handbook, full pagewidth
MLC356
100 nF
P
V
TDA1517
87
standby switch
220 nF
input 1
1000
µF
1000
µF
input
reference
voltage
2
5
signal
ground
power
ground
1
9
220 nF
input 2
4
6
3
2200
µF
internal
1/2 VP
100
µF
60 k
Ω
60 k
Ω
20 dB
20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com