Electronic Components Datasheet Search
  English  ▼

X  

TDA1517P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1517P
Description  2 x 6 W stereo power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517P Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1517P Datasheet HTML 1Page - NXP Semiconductors TDA1517P Datasheet HTML 2Page - NXP Semiconductors TDA1517P Datasheet HTML 3Page - NXP Semiconductors TDA1517P Datasheet HTML 4Page - NXP Semiconductors TDA1517P Datasheet HTML 5Page - NXP Semiconductors TDA1517P Datasheet HTML 6Page - NXP Semiconductors TDA1517P Datasheet HTML 7Page - NXP Semiconductors TDA1517P Datasheet HTML 8Page - NXP Semiconductors TDA1517P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Apr 28
3
Philips Semiconductors
Product specification
2
× 6 W stereo power amplifier
TDA1517; TDA1517P
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
mute/stand-by
switch input
MLC351
output 1
15 k
Ω
15 k
Ω
x 1
VA
stand-by
switch
VP
mute
switch
stand-by
reference
voltage
18 k
Ω
18 k
Ω
2
k
Ω
60
k
Ω
mute switch
Cm
power stage
4
8
mute switch
VA
VA
Cm
2
k
Ω
60
k
Ω
power stage
6
27
5
SGND
signal
ground
PGND
output 2
non-inverting
input 1
non-inverting
input 2
9
supply voltage
ripple rejection
output
3
1
TDA1517
mute
reference
voltage
input
reference
voltage
VP
power
ground
(substrate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com