Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDM176 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM176
Description  HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM176 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65LVDM176 Datasheet HTML 8Page - Texas Instruments SN65LVDM176 Datasheet HTML 9Page - Texas Instruments SN65LVDM176 Datasheet HTML 10Page - Texas Instruments SN65LVDM176 Datasheet HTML 11Page - Texas Instruments SN65LVDM176 Datasheet HTML 12Page - Texas Instruments SN65LVDM176 Datasheet HTML 13Page - Texas Instruments SN65LVDM176 Datasheet HTML 14Page - Texas Instruments SN65LVDM176 Datasheet HTML 15Page - Texas Instruments SN65LVDM176 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
10
0.1
1M
Data Rate – Hz
1
100k
10M
100M
100
1000
5% Jitter
30% Jitter
24 AWG UTP 96
Ω (PVC Dielectric)
FAIL SAFE
Rt = 100
Ω (Typ)
300 k
Ω
300 k
Ω
VCC
VIT ≈ 2.3 V
A
B
Y
SN65LVDM176
SLLS320D – DECEMBER 1998 – REVISED JULY 2000
The devices are generally used as building blocks for high-speed point-to-point data transmission. Ground
differences are less than 1 V with a low common-mode output and balanced interface for very low noise
emissions. Devices can interoperate with RS-422, PECL, and IEEE-P1596. Drivers/receivers maintain ECL
speeds without the power and dual supply requirements.
Figure 17. Data Transmission Distance Versus Rate
One of the most common problems with differential signaling applications is how the system responds when no
differential voltage is present on the signal pair. The LVDS receiver is like most differential line receivers, in that
its output logic state can be indeterminate when the differential input voltage is between –50 mV and 50 mV and
within its recommended input common-mode voltage range. TI's LVDS receiver is different in how it handles the
open-input circuit situation, however.
Open-circuit means that there is little or no input current to the receiver from the data line itself. This could be
when the driver is in a high-impedance state or the cable is disconnected. When this occurs, the LVDS receiver
will pull each line of the signal pair to near VCC through 300-kΩ resistors as shown in Figure 18. The fail-safe
feature uses an AND gate with input voltage thresholds at about 2.3 V to detect this condition and force the
output to a high-level regardless of the differential input voltage.
Figure 18. Open-Circuit Fail Safe of the LVDS Receiver
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com