| Electronic Components Datasheet Search |
|
SN74ACT7200L Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT7200L Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 23 page ![]() SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA 256 × 9, 512 × 9, 1024 × 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Combining two or more devices to create one FIFO with a greater number of memory bits is accomplished in two different ways. Width expansion increases the number of bits in each word by connecting FIFOs with the same depth in parallel. Depth expansion uses the built-in expansion logic to daisy-chain two or more devices for applications requiring more than 256, 512, or 1024 words of storage. Width expansion and depth expansion can be used together. width expansion Word-width expansion is achieved by connecting the corresponding input control to multiple devices with the same depth. Status flags (EF, FF, and HF) can be monitored from any one device. Figure 14 shows two FIFOs in a width-expansion configuration. Both devices have their expansion-in (XI) inputs tied to ground. This disables the depth-expansion function of the device, allowing the first-load/retransmit (FL/RT) input to function as a retransmit (RT) input and the expansion-out/half-full (XO/HF) output to function as a half-full (HF) flag. depth expansion The SN74ACT7200L / 7201LA / 7202LA is easily expanded in depth. Figure 15 shows the connections used to depth expand three SN74ACT7200L / 7201LA / 7202LA devices. Any depth can be attained by adding additional devices to the chain. The SN74ACT7200L / 7201LA / 7202LA operates in depth expansion under the following conditions: D The first device in the chain is designated by tying FL to ground. D All other devices must have their FL inputs at a high logic level. D XO of each device must be tied to XI of the next device. D External logic is needed to generate a composite FF and EF. All FF outputs must be ORed together and all EF outputs must be ORed together. D RT and HF functions are not available in the depth-expanded configuration. combined depth and width expansion Both expansion techniques can be used together to increase depth and width. This is done by first creating depth-expanded units and then connecting them in a width-expanded configuration (see Figure 16). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |