Electronic Components Datasheet Search
  English  ▼

X  

74F175 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74F175
Description  QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74F175 Datasheet(HTML) 3 Page - Texas Instruments

  74F175 Datasheet HTML 1Page - Texas Instruments 74F175 Datasheet HTML 2Page - Texas Instruments 74F175 Datasheet HTML 3Page - Texas Instruments 74F175 Datasheet HTML 4Page - Texas Instruments 74F175 Datasheet HTML 5Page - Texas Instruments 74F175 Datasheet HTML 6Page - Texas Instruments 74F175 Datasheet HTML 7Page - Texas Instruments 74F175 Datasheet HTML 8Page - Texas Instruments 74F175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74F175
QUADRUPLE D-TYPE FLIP-FLOP
WITH CLEAR
SDFS058B – D293, MARCH 1987 – REVISED MAY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V,
IOH = –1 mA
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = –1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
–150
mA
ICC
VCC = 5.5 V,
See Note 4
22.5
34
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 4: ICC is measured with outputs open, with 4.5 V applied to all data inputs after a momentary ground, followed by 4.5 V applied to CLK.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
100
100
MHz
CLK high
4
4
tw
Pulse duration
CLK low
5
5
ns
CLR low
5
5
t
Setup time, data before CLK
↑
High or low
3
3
ns
tsu
Setup time, inactive state, data before CLK
↑§
CLR high
5
5
ns
th
Hold time, data after CLK
↑
High or low
1
1
ns
§ Inactive-state setup time also is referred to as recovery time.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
VCC =
4.5 V to 5.5 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
fmax
100
140
100
MHz
tPLH
CLK
QorQ
3.2
4.6
6.5
3.2
7.5
ns
tPHL
CLK
Q or Q
3.2
6.1
8.5
3.2
9.5
ns
tPLH
CLR
Q
3.2
6.1
8.5
3.2
9
ns
tPHL
CLR
Q
3.7
8.6
11.5
3.7
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com