Electronic Components Datasheet Search
  English  ▼

X  

CLMUD-FKA Datasheet(PDF) 6 Page - Cree LED

Part # CLMUD-FKA
Description  CLMUD-FKA: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLMUD-FKA Datasheet(HTML) 6 Page - Cree LED

Back Button CLMUD-FKA Datasheet HTML 2Page - Cree LED CLMUD-FKA Datasheet HTML 3Page - Cree LED CLMUD-FKA Datasheet HTML 4Page - Cree LED CLMUD-FKA Datasheet HTML 5Page - Cree LED CLMUD-FKA Datasheet HTML 6Page - Cree LED CLMUD-FKA Datasheet HTML 7Page - Cree LED CLMUD-FKA Datasheet HTML 8Page - Cree LED CLMUD-FKA Datasheet HTML 9Page - Cree LED CLMUD-FKA Datasheet HTML 10Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CLMUD-FKA: PLCC4 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1421
REV 4
6
GRAPHS
The data below are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED.
Hence, these data will be changed without further notice.
The graph shows the maximum allowable DC current for a LED die of each color.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com