Electronic Components Datasheet Search
  English  ▼

X  

TDA1519C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1519C
Description  22WBTL or 2 x 11Wstereo power amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1519C Datasheet HTML 4Page - NXP Semiconductors TDA1519C Datasheet HTML 5Page - NXP Semiconductors TDA1519C Datasheet HTML 6Page - NXP Semiconductors TDA1519C Datasheet HTML 7Page - NXP Semiconductors TDA1519C Datasheet HTML 8Page - NXP Semiconductors TDA1519C Datasheet HTML 9Page - NXP Semiconductors TDA1519C Datasheet HTML 10Page - NXP Semiconductors TDA1519C Datasheet HTML 11Page - NXP Semiconductors TDA1519C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Mar 08
8
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; f = 1 kHz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo application (see Fig.6)
Po
output power
note 1
THD = 0.5%
4
5
−
W
THD = 10%
5.5
6.0
−
W
RL =2 Ω; note 1
THD = 0.5%
7.5
8.5
−
W
THD = 10%
10
11
−
W
THD
total harmonic distortion
Po =1W
−
0.1
−
%
fro(l)
low frequency roll-off
−3 dB; note 2
−
45
−
Hz
fro(h)
high frequency roll-off
−1dB
20
−−
kHz
Gv(cl)
closed-loop voltage gain
39
40
41
dB
SVRR
supply voltage ripple rejection
on; notes 3 and 4
40
−−
dB
on; notes 3 and 5
45
−−
dB
mute; notes 3 and 6
45
−−
dB
standby;
notes 3 and 6
80
−−
dB
Z
i
input impedance
50
60
75
k
Ω
Vn(o)(rms)
noise output voltage (RMS value)
note 7
on; RS =0 Ω−
150
−µV
on; RS =10kΩ−
250
500
µV
mute; note 8
−
120
−µV
α
cs
channel separation
RS =10kΩ
40
−−
dB
∆Gv(ub) channel unbalance
−
0.1
1
dB
BTL application (see Fig.7)
Po
output power
note 1
THD = 0.5%
15
17
−
W
THD = 10%
20
22
−
W
output power at VP = 13.2 V
note 1
THD = 0.5%
−
13
−
W
THD = 10%
−
17.5
-
W
THD
total harmonic distortion
Po =1W
−
0.1
−
%
Bp
power bandwidth
THD = 0.5%;
Po = −1 dB; with
respect to 15 W
−
35 to
15000
−
Hz
fro(l)
low frequency roll-off
−1 dB; note 2
−
45
−
Hz
fro(h)
high frequency roll-off
−1dB
20
−−
kHz
Gv(cl)
closed-loop voltage gain
45
46
47
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com