Electronic Components Datasheet Search
  English  ▼

X  

LT3014 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Datasheet(HTML) 5 Page - Linear Technology

  LT3014 Datasheet HTML 1Page - Linear Technology LT3014 Datasheet HTML 2Page - Linear Technology LT3014 Datasheet HTML 3Page - Linear Technology LT3014 Datasheet HTML 4Page - Linear Technology LT3014 Datasheet HTML 5Page - Linear Technology LT3014 Datasheet HTML 6Page - Linear Technology LT3014 Datasheet HTML 7Page - Linear Technology LT3014 Datasheet HTML 8Page - Linear Technology LT3014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3014
3014fb
OUTPUT VOLTAGE (V)
0
30
40
50
8
3014 G15
20
10
25
35
45
15
5
0
2
1
4
3
67
9
5
10
TJ = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ PIN
ESD CLAMP
TEMPERATURE (
°C)
–50
70
25
3014 G17
64
60
–25
0
50
58
56
72
68
66
62
75
100
125
VIN = 7V + 0.5VP-P
RIPPLE AT f = 120Hz
IL = 20mA
TEMPERATURE (
°C)
–50
0
10
30
40
50
100
70
0
50
75
3014 G14
20
80
90
60
–25
25
100
125
VIN = 7V
VOUT = 0V
INPUT VOLTAGE (V)
0
16
3014 G13
4
28
612 14
18
10
20
70
40
20
10
0
80
60
50
30
VOUT = 0V
TJ = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Current Limit
Reverse Output Current
Current Limit
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
TEMPERATURE (
°C)
–50
7
25
3014 G16
4
2
–25
0
50
1
0
8
6
5
3
75
100
125
VIN = 0V
VOUT = VADJ = 1.22V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
3014 G18
70
40
20
10
0
80
60
50
30
VIN = 7V + 50mVRMS RIPPLE
IL = 20mA
COUT = 4.7µF
COUT = 0.47µF
TEMPERATURE (
°C)
25
3014 G12
–25
0
50
–50
75
100
125
14
12
10
8
6
4
2
0
ADJ Pin Bias Current
SHDN PIN VOLTAGE (V)
0
0.4
0.8
1.2
0.2
0.6
1.0
3014 G10
01
2
3
4
0.5
1.5
2.5
3.5
TJ = 25°C
CURRENT FLOWS
OUT OF SHDN PIN
SHDN Pin Current
TEMPERATURE (
°C)
–50
1.4
25
3014 G11
0.8
0.4
–25
0
50
0.2
0
1.6
1.2
1.0
0.6
75
100
125
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
SHDN Pin Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com