Electronic Components Datasheet Search
  English  ▼

X  

LT3014B Datasheet(PDF) 1 Page - Linear Technology

Part # LT3014B
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014B Datasheet(HTML) 1 Page - Linear Technology

  LT3014B Datasheet HTML 1Page - Linear Technology LT3014B Datasheet HTML 2Page - Linear Technology LT3014B Datasheet HTML 3Page - Linear Technology LT3014B Datasheet HTML 4Page - Linear Technology LT3014B Datasheet HTML 5Page - Linear Technology LT3014B Datasheet HTML 6Page - Linear Technology LT3014B Datasheet HTML 7Page - Linear Technology LT3014B Datasheet HTML 8Page - Linear Technology LT3014B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT3014B
3014bf
, LTC and LT are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners. Protected by U.S. Patents including 6118263, 6144250.
IN
LT3014B
1
µF
VIN
5.4V TO
80V
OUT
ADJ
GND
3014 TA01
VOUT
5V
20mA
0.47
µF
3.92M
1.27M
400
350
300
250
200
150
100
50
0
3014 TA02
OUTPUT CURRENT (mA)
0
4
10 12
2
6
8
14 161820
■ Wide Input Voltage Range: 3V to 80V
■
Low Quiescent Current: 7
µA
■ Low Dropout Voltage: 350mV
■ Output Current: 20mA
■
LT3014BHV Survives 100V Transients (2ms)
■ No Protection Diodes Needed
■ Adjustable Output from 1.22V to 60V
■
Stable with 0.47
µF Output Capacitor
■ Stable with Aluminum, Tantalum or Ceramic
Capacitors
■
Reverse-Battery Protection
■ No Reverse Current Flow from Output
■ Thermal Limiting
■
Available in 5-Lead ThinSOT
TM and
8-Lead DFN Packages
20mA, 3V to 80V
Low Dropout Micropower
Linear Regulator
5V Supply
Dropout Voltage
The LT
®3014B is a high voltage, micropower low dropout
linear regulator. The device is capable of supplying 20mA
of output current with a dropout voltage of 350mV. De-
signed for use in battery-powered or high voltage sys-
tems, the low quiescent current (7
µA operating) makes
the LT3014B an ideal choice. Quiescent current is also well
controlled in dropout.
Other features of the LT3014B include the ability to oper-
ate with very small output capacitors. The regulators are
stable with only 0.47
µF on the output while most older
devices require between 10
µF and 100µF for stability.
Small ceramic capacitors can be used without the neces-
sary addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting and reverse
current protection.
The device is available as an adjustable device with a 1.22V
reference voltage. The LT3014B regulator is available in
the 5-lead ThinSOT and 8-lead DFN packages.
■ Low Current High Voltage Regulators
■ Regulator for Battery-Powered Systems
■ Telecom Applications
■ Automotive Applications
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT3014B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014B LINER-LT3014B Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3014B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014 Datasheet
200Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com