Electronic Components Datasheet Search
  English  ▼

X  

LTC2607 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2607
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607 Datasheet(HTML) 1 Page - Linear Technology

  LTC2607 Datasheet HTML 1Page - Linear Technology LTC2607 Datasheet HTML 2Page - Linear Technology LTC2607 Datasheet HTML 3Page - Linear Technology LTC2607 Datasheet HTML 4Page - Linear Technology LTC2607 Datasheet HTML 5Page - Linear Technology LTC2607 Datasheet HTML 6Page - Linear Technology LTC2607 Datasheet HTML 7Page - Linear Technology LTC2607 Datasheet HTML 8Page - Linear Technology LTC2607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC2607/LTC2617/LTC2627
26071727f
16-/14-/12-Bit Dual Rail-to-Rail
DACs with I2C Interface
The LTC
®2607/LTC2617/LTC2627 are dual 16-, 14- and
12-bit, 2.7V to 5.5V rail-to-rail voltage output DACs in a
12-lead DFN package. They have built-in high perfor-
mance output buffers and are guaranteed monotonic.
These parts establish new board-density benchmarks for
16- and 14-bit DACs and advance performance standards
for output drive and load regulation in single-supply,
voltage-output DACs.
The parts use a 2-wire, I2C compatible serial interface. The
LTC2607/LTC2617/LTC2627 operate in both the standard
mode (clock rate of 100kHz) and the fast mode (clock rate
of 400kHz). An asynchronous DAC update pin (LDAC) is
also included.
The LTC2607/LTC2617/LTC2627 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise less
than 10mV above zero scale; and after power-up, they stay
at zero scale until a valid write and update take place. The
power-on reset circuit resets the LTC2607-1/LTC2617-1/
LTC2627-1 to midscale. The voltage outputs stay at
midscale until a valid write and update takes place.
■ Smallest Pin-Compatible Dual DACs:
LTC2607: 16 Bits
LTC2617: 14 Bits
LTC2627: 12 Bits
■ Guaranteed Monotonic Over Temperature
■ 27 Selectable Addresses
■ 400kHz I2C
TM Interface
■ Wide 2.7V to 5.5V Supply Range
■ Low Power Operation: 260
µA per DAC at 3V
■ Power Down to 1
µA, Max
■ High Rail-to-Rail Output Drive (
±15mA, Min)
■ Ultralow Crosstalk (30
µV)
■ Double-Buffered Data Latches
■ Asynchronous DAC Update Pin
■ LTC2607/LTC2617/LTC2627: Power-On Reset to
Zero Scale
■ LTC2607-1/LTC2617-1/LTC2627-1: Power-On Reset
to Midscale
■ Tiny (3mm
× 4mm) 12-Lead DFN Package
■ Mobile Communications
■ Process Control and Industrial Automation
■ Instrumentation
■ Automatic Test Equipment
Differential Nonlinearity
(LTC2607)
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
CODE
0
16384
32768
49152
65535
2607 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
9
8
11
10
5
6
2
1
4
3
2-WIRE INTERFACE
CA0
CA1
LDAC
SCL
SDA
REFLO
GND
REF
VCC
CA2
32-BIT SHIFT REGISTER
INPUT REGISTER
INPUT REGISTER
DAC REGISTER
DAC REGISTER
7
12-/14-/16-BIT DAC
VOUTB
12
12-/14-/16-BIT DAC
VOUTA
2607 BD
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents
including 5396245 and 6891433. Patent Pending


Similar Part No. - LTC2607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2607 LINER-LTC2607 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2607 LINER-LTC2607 Datasheet
385Kb / 6P
LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2617 LINER-LTC2617_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2627 LINER-LTC2627_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
6/17-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com