Electronic Components Datasheet Search
  English  ▼

X  

AD5600 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5600
Description  High Temperature, 16-Bit, Unbuffered Voltage Output DAC, SPI Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5600 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5600 Datasheet HTML 6Page - Analog Devices AD5600 Datasheet HTML 7Page - Analog Devices AD5600 Datasheet HTML 8Page - Analog Devices AD5600 Datasheet HTML 9Page - Analog Devices AD5600 Datasheet HTML 10Page - Analog Devices AD5600 Datasheet HTML 11Page - Analog Devices AD5600 Datasheet HTML 12Page - Analog Devices AD5600 Datasheet HTML 13Page - Analog Devices AD5600 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
AD5600
Rev. A | Page 13 of 14
APPLICATIONS INFORMATION
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. Design the PCB on which the AD5600
is mounted so that the analog and digital sections are separated
and confined to certain areas of the board. If the AD5600 is in
a system where multiple devices require an analog ground to
digital ground connection, make the connection at one point
only. Establish the star ground point as close as possible to the
device.
The AD5600 must have 10 µF supply bypassing capacitors in
parallel with 0.1 µF capacitors on each supply located as close to
the package as possible, ideally right up against the device. It is
recommended to use 10 µF tantalum bead capacitors. The 0.1 μF
capacitor must have low effective series resistance (ESR) and low
effective series inductance (ESI), such as the common ceramic
types, to provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
DECODING MULTIPLE DACs
The CS pin of the AD5600 can select one of a number of DACs.
All devices receive the same serial clock and serial data, but only
one device receives the CS signal at any one time. The DAC
addressed is determined by the decoder. Some digital feedthrough
from the digital input lines exists. Use a burst clock to minimize
the effects of digital feedthrough on the analog signal channels.
Figure 27 shows a typical circuit.
AD5600
CS
DIN
SCLK
VOUT
AD5600
CS
DIN
SCLK
VOUT
AD5600
CS
DIN
SCLK
VOUT
AD5600
CS
DIN
SCLK
VOUT
VDD
DGND
EN
CODED
ADDRESS
SCLK
DIN
ENABLE
DECODER
Figure 27. Addressing Multiple DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com