Electronic Components Datasheet Search
  English  ▼

X  

LTC2607IDE Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2607IDE
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607IDE Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2607IDE Datasheet HTML 6Page - Linear Technology LTC2607IDE Datasheet HTML 7Page - Linear Technology LTC2607IDE Datasheet HTML 8Page - Linear Technology LTC2607IDE Datasheet HTML 9Page - Linear Technology LTC2607IDE Datasheet HTML 10Page - Linear Technology LTC2607IDE Datasheet HTML 11Page - Linear Technology LTC2607IDE Datasheet HTML 12Page - Linear Technology LTC2607IDE Datasheet HTML 13Page - Linear Technology LTC2607IDE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC2607/LTC2617/LTC2627
26071727f
PIN FUNCTIONS
CA0 (Pin 1): Chip Address Bit 0. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 1).
CA1 (Pin 2): Chip Address Bit 1. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 1).
LDAC (Pin 3): Asynchronous DAC Update. A falling edge
of this input after four bytes have been written into the part
immediately updates the DAC register with the contents of
the input register. A low on this input without a complete
32-bit (four bytes including the slave address) data write
transfer to the part wakes up sleeping DACs without
updating the DAC output. Software power-down is dis-
abled when LDAC is low. LDAC is disabled when tied high.
SCL (Pin 4): Serial Clock Input Pin. Data is shifted into the
SDA pin at the rising edges of the clock. This high
impedance pin requires a pull-up resistor or current source
to VCC.
SDA (Pin 5): Serial Data Bidirectional Pin. Data is shifted
into the SDA pin and acknowledged by the SDA pin. This
pin is high impedance while data is shifted in and an open-
drain N-channel output during acknowledgment. Requires
a pull-up resistor or current source to VCC.
CA2 (Pin 6): Chip Address Bit 2. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 1).
VOUTB (Pin 7): DAC Analog Voltage Output. The output
range is VREFLO to VREF.
VCC (Pin 8): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
REF (Pin 9): Reference Voltage Input. The input range
is VREFLO ≤ VREF ≤ VCC.
GND (Pin 10): Analog Ground.
REFLO (Pin 11): Reference Low. The voltage at this pin
sets the zero scale (ZS) voltage of all DACs. The VREFLO pin
can be used at voltages up to 1V for VCC = 5V, or 100mV
for VCC = 3V.
VOUTA (Pin 12): DAC Analog Voltage Output. The output
range is VREFLO to VREF.
Exposed Pad (Pin 13): Ground. Must be soldered to
PCB ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com