Electronic Components Datasheet Search
  English  ▼

X  

AD3542R Datasheet(PDF) 39 Page - Analog Devices

Part # AD3542R
Description  Single Channel, 12-/16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3542R Datasheet(HTML) 39 Page - Analog Devices

Back Button AD3542R Datasheet HTML 35Page - Analog Devices AD3542R Datasheet HTML 36Page - Analog Devices AD3542R Datasheet HTML 37Page - Analog Devices AD3542R Datasheet HTML 38Page - Analog Devices AD3542R Datasheet HTML 39Page - Analog Devices AD3542R Datasheet HTML 40Page - Analog Devices AD3542R Datasheet HTML 41Page - Analog Devices AD3542R Datasheet HTML 42Page - Analog Devices AD3542R Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
Data Sheet
AD3541R
REGISTERS
analog.com
Rev. A | 39 of 59
Detailed Register Map
Table 17. Detailed Register Summary
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 INTERFACE_
CONFIG_A
[7:0]
SW_RESET
_MSB
RESERVED ADDR_
DIRECTION
SDO_
ACTIVE
RESERVED
SW_RESET
_LSB
0x10
R/W
0x01 INTERFACE_
CONFIG_B
[7:0]
SINGLE_IN
STRUCTION
RESERVED
SHORT_INS
TRUCTION
RESERVED
0x08
R/W
0x02 DEVICE_CONFIG [7:0]
DEVICE_
STATUS_3
DEVICE_
STATUS_2
DEVICE_
STATUS_1
DEVICE_
STATUS_0
CUSTOM_MODES
OPERATING_MODES
0x00
R
0x03 CHIP_TYPE
[7:0]
RESERVED
CLASS
0x04
R
0x04 PRODUCT_ID_L
[7:0]
PRODUCT_ID[7:0]
0x0B
R
0x05 PRODUCT_ID_H
[7:0]
PRODUCT_ID[15:8]
0x40
R
0x06 CHIP_GRADE
[7:0]
DEVICE_GRADE
DEVICE_REVISION
0x05
R
0x0A SCRATCH_PAD
[7:0]
VALUE
0x00
R/W
0x0B SPI_REVISION
[7:0]
VERSION
0x83
R
0x0C VENDOR_L
[7:0]
VID[7:0]
0x56
R
0x0D VENDOR_H
[7:0]
VID[15:8]
0x04
R
0x0E STREAM_MODE
[7:0]
LENGTH
0x00
R/W
0x0F TRANSFER_
REGISTER
[7:0]
MULTI_IO_MODE
RESERVED
STREAM_
LENGTH_
KEEP_
VALUE
RESERVED
0x00
R/W
0x10 INTERFACE_
CONFIG_C
[7:0]
CRC_ENABLE
STRICT_
REGISTER_
ACCESS
RESERVED
CRC_ENABLE_B
0x23
R/W
0x11 INTERFACE_
STATUS_A
[7:0]
INTERFACE
_NOT_
READY
RESERVED CLOCK_
COUNTING
_
ERROR
RESERVED INVALID_
OR_NO_
CRC
WRITE_TO_
READ_
ONLY_
REGISTER
PARTIAL_
REGISTER_
ACCESS
REGISTER_
ADDRESS_
INVALID
0x00
R/W
0x14 INTERFACE_
CONFIG_D
[7:0]
RESERVED ALERT_
ENABLE_
PULLUP
RESERVED MEM_CRC_
EN
SDIO_DRIVE_STRENGTH RESERVED SPI_
CONFIG_
DDR
0x04
R/W
0x15 REFERENCE_
CONFIG
[7:0]
RESERVED IDUMP_
FASTMODE
RESERVED
REFERENCE_VOLTAGE_
SEL
0x00
R/W
0x16 ERR_ALARM_
MASK
[7:0]
RESERVED REF_
RANGE_
ALARM_
MASK
CLOCK_
COUNT_
ERR_
ALARM_
MASK
MEM_CRC_
ERR_
ALARM_
MASK
SPI_CRC_
ERR_
ALARM_
MASK
WRITE_TO_
READ_
ONLY_
ALARM_
MASK
PARTIAL_
REGISTER_
ACCESS_
ALARM_
MASK
REGISTER_
ADDRESS_
INVALID_
ALARM_
MASK
0x00
R/W
0x17 ERR_STATUS
[7:0]
RESERVED REF_
RANGE_
ERR_
STATUS
DUAL_SPI_
STREAM_
EXCEEDS_
DAC_ERR_
STATUS
MEM_CRC_
ERR_
STATUS
RESERVED
RESET_
STATUS
0x01
R/W
0x18 POWERDOWN_
CONFIG
[7:0]
RESERVED
RESERVED CH0_DAC_
POWERDO
WN
RESERVED
RESERVED CH0_
CHANNEL_
POWERDO
WN
0x00
R/W
0x19 CH0_OUTPUT_
RANGE
[7:0]
RESERVED
CH0_OUTPUT_RANGE_SEL
0x00
R/W
0x28 HW_LDAC_16B
[7:0]
RESERVED
RESERVED HW_LDAC_
MASK_CH0
0x00
R/W
0x2A CH0_DAC_16B
[15:8]
DAC_DATA0[15:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com