Electronic Components Datasheet Search
  English  ▼

X  

AD5674R Datasheet(PDF) 1 Page - Analog Devices

Part # AD5674R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674R Datasheet(HTML) 1 Page - Analog Devices

  AD5674R Datasheet HTML 1Page - Analog Devices AD5674R Datasheet HTML 2Page - Analog Devices AD5674R Datasheet HTML 3Page - Analog Devices AD5674R Datasheet HTML 4Page - Analog Devices AD5674R Datasheet HTML 5Page - Analog Devices AD5674R Datasheet HTML 6Page - Analog Devices AD5674R Datasheet HTML 7Page - Analog Devices AD5674R Datasheet HTML 8Page - Analog Devices AD5674R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Channel, 12-/16-Bit nanoDAC+ with 2 ppm/°C Voltage
Reference Temperature Coefficient, SPI Interface
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of thirdparties that may result from its use. Specifications subject to changewithout notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
High relative accuracy (INL): ±4 LSB maximum at 16 bits
(AD5679/AD5679R)
TUE: ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Low drift, 2.5 V voltage reference temperature coefficient:
2 ppm/°C typical
40 mA short-circuit current
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply range
Simplified implementation
User selectable gain of 1 or 2 (GAIN pin)
1.8 V logic compatibility
50 MHz serial peripheral interface (SPI) with readback or
daisy chain
28-lead, 4 mm × 4 mm, RoHS compliant LFCSP
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (programmable logic controller (PLC)
input/output cards)
Industrial automation
Data acquisition systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD5674/AD5674R/AD5679/AD5679R are low power,
16-channel, 12-/16-bit, buffered voltage output, digital-to-
analog converters (DACs) that include a 2.5 V, 2 ppm/°C internal
reference (enabled by default), and a gain select pin, resulting
in a full-scale output of 2.5 V (gain = 1) or 5 V (gain = 2). The
devices operate from a single, 2.7 V to 5.5 V supply range and
are guaranteed monotonic by design. The AD5674/AD5674R/
AD5679/AD5679R are available in a 28-lead lead frame chip scale
package (LFCSP) and incorporate a power-on reset (POR) circuit
that ensures that the DAC outputs power up to and remains at
zero-scale or midscale until a valid write. The AD5674/AD5674R/
AD5679/AD5679R contain a power-down mode that reduces
the current consumption to 2 μA typical.
Table 1. Octal and 16-Channel nanoDAC+® Devices
No. of
Channels
Interface
Reference
16-Bit
12-Bit
8
SPI1
Internal
AD5676R
AD5672R
External
AD5676
Not
applicable
I2C
Internal
AD5675R
AD5671R
16
SPI
Internal
AD5679R
AD5674R
External
AD5679
AD5674
PRODUCT HIGHLIGHTS
1.
High channel density: 16 channels in 4 mm × 4 mm
LFCSP.
2.
High relative accuracy (integral nonlinearity (INL))
±4 LSB maximum.
3.
Low drift, 2.5 V, on-chip reference.
INPUT
REGISTER
SDO
SDI
GND
LDAC
SCLK
AD5679R/AD5679/AD5674R/AD5674
RESET
2.5V REF1
VOUT0
STRING
DAC 0
BUFFER
GAIN
POWER-DOWN
LOGIC
POWER-ON
RESET
VLOGIC
GAIN
×1/×2
VDD
VREF
SYNC
VOUT1
VOUT2
VOUT3
VOUT14
VOUT15
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
STRING
DAC 1
STRING
DAC 2
STRING
DAC 3
STRING
DAC 14
STRING
DAC 15
BUFFER
BUFFER
BUFFER
BUFFER
BUFFER
1ONLY APPLICABLE TO AD5679R/AD5674R.


Similar Part No. - AD5674R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5674R AD-AD5674R Datasheet
1Mb / 31P
16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
Rev. 0
More results

Similar Description - AD5674R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5313R AD-AD5313R Datasheet
698Kb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com