Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 14 Page - Analog Devices

Part # AD5671R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5671R Datasheet HTML 10Page - Analog Devices AD5671R Datasheet HTML 11Page - Analog Devices AD5671R Datasheet HTML 12Page - Analog Devices AD5671R Datasheet HTML 13Page - Analog Devices AD5671R Datasheet HTML 14Page - Analog Devices AD5671R Datasheet HTML 15Page - Analog Devices AD5671R Datasheet HTML 16Page - Analog Devices AD5671R Datasheet HTML 17Page - Analog Devices AD5671R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 14 of 31
0
0.5
1.0
1.5
2.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 17. AD5677R INL Error vs. Supply Voltage
0.150
0.125
0.050
0
0.100
0.025
0.075
2.7
3.0
3.3
3.9
3.6
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 18. AD5673R INL Error vs. Supply Voltage
0
0.25
0.50
0.75
1.00
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 19. AD5677R DNL Error vs. Supply Voltage
0.10
0.04
0
0.08
0.02
0.06
2.7
3.0
3.3
3.9
3.6
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 20. AD5673R DNL Error vs. Supply Voltage
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 21. AD5677R Total Unadjusted Error vs. Supply Voltage
0.020
0.015
0
–0.020
–0.015
–0.010
–0.005
0.010
0.005
2.7
3.0
3.3
3.9
3.6
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 22. AD5673R Total Unadjusted Error vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com