Electronic Components Datasheet Search
  English  ▼

X  

AD5671R Datasheet(PDF) 26 Page - Analog Devices

Part # AD5671R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5671R Datasheet HTML 22Page - Analog Devices AD5671R Datasheet HTML 23Page - Analog Devices AD5671R Datasheet HTML 24Page - Analog Devices AD5671R Datasheet HTML 25Page - Analog Devices AD5671R Datasheet HTML 26Page - Analog Devices AD5671R Datasheet HTML 27Page - Analog Devices AD5671R Datasheet HTML 28Page - Analog Devices AD5671R Datasheet HTML 29Page - Analog Devices AD5671R Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 26 of 32
enabled for the duration of the read operation, after which the
SDO output is disabled again. Command 1001 is reserved for the
readback function. This command, in association with the
address bits (A3 to A0), selects the DAC input register to read
(see Table 10 and Table 11). During readback, only one input
register can be selected. The remaining data bits in the write
sequence are don’t care bits. During the next SPI write, the data
appearing on the SDO output contains the data from the
previously addressed register.
For example, to read back the DAC register for Channel 0,
implement the following sequence:
1. Write 0x900000 to the AD5674/AD5674R/AD5679/
AD5679R input register. This configures the device for
read mode with the DAC register of Channel 0 selected.
Note that all data bits, DB15 to DB0, are don’t care bits.
2. Follow Step 1 with a second write, a no operation (NOP)
condition, 0x000000 or 0xF00000 when in daisy-chain
mode. During this write, the data from the register is
clocked out on the SDO line. DB23 to DB20 contain
undefined data, and the last 20 bits contain the DB19 to
DB0 DAC register contents.
When SYNC is high, the SDO pin is driven by a weak latch that
holds the last data bit. The SDO pin can be overdriven by the
SDO pin of another device. Multiple devices can be read using
the same SPI interface.
POWER-DOWN OPERATION
Command 0100 is designated for the power-down function (see
Table 10). These power-down modes are software programmable
by setting 16 bits, Bit DB15 to Bit DB0, in the input shift register.
There are two bits associated with each DAC channel. Table 13
shows how the state of the two bits corresponds to the mode of
operation of the device.
Any or all DACs (DAC 0 to DAC 15) power down to the
selected mode by setting the corresponding bits. See Table 14
and Table 15 for the contents of the input shift register during
the power-down/power-up operation.
Table 13. Modes of Operation
Operating Mode
PD1
PD0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
When both Bit PD1 and Bit PD0 in the input shift register are set
to 0, the device works normally with a typical power consumption
of 2.3 mA at 5 V. However, for the 1 kΩ power-down mode, the
supply current typically falls to 2 µA. In addition to this fall, the
output stage switches internally from the amplifier output to a
resistor network of a known value. Therefore, the DAC channel
output impedance is defined when the channel is powered down
by internally connecting the output to GND through a 1 kΩ
resistor. Figure 62 shows the output stage.
Figure 62. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry shut down when power-down mode is
activated. However, the contents of the DAC register are unaffected
when in power-down. The DAC register updates while the device
is in power-down mode. The time required to exit power-down is
typically 3 µs for VDD = 5 V.
To reduce the current consumption further, power off the on-chip
reference. See the Internal Reference Setup section.
Table 14. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation for Output Channels DAC 7 to DAC 0
[DB23:DB20]
DB19
[DB18:DB16]
DAC 7
DAC 6
DAC 5
DAC 4
DAC 3
DAC 2
DAC 1
DAC 0
[DB15:DB14]
[DB13:DB12]
[DB11:DB10]
[DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
0
XXX1
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
Table 15. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation for Output Channels DAC 15 to DAC 8
[DB23:DB20]
DB19
[DB18:DB16]
DAC 15
DAC 14
DAC 13
DAC 12
DAC 11
DAC 10
DAC 9
DAC 8
[DB15:DB14]
[DB13:DB12]
[DB11:DB10]
[DB9:DB8]
[DB7:DB6]
[DB5:DB4]
[DB3:DB2]
[DB1:DB0]
0100
1
XXX1
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
[PD1:PD0]
1
X means don’t care.
RESISTOR
NETWORK
VOUT
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com