Electronic Components Datasheet Search
  English  ▼

X  

DS28E83 Datasheet(PDF) 13 Page - Analog Devices

Part # DS28E83
Description  DeepCover Radiation-Resistant 1-Wire Authenticator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28E83 Datasheet(HTML) 13 Page - Analog Devices

Back Button DS28E83 Datasheet HTML 9Page - Analog Devices DS28E83 Datasheet HTML 10Page - Analog Devices DS28E83 Datasheet HTML 11Page - Analog Devices DS28E83 Datasheet HTML 12Page - Analog Devices DS28E83 Datasheet HTML 13Page - Analog Devices DS28E83 Datasheet HTML 14Page - Analog Devices DS28E83 Datasheet HTML 15Page - Analog Devices DS28E83 Datasheet HTML 16Page - Analog Devices DS28E83 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
this rise is seen in Figure 3 as ε, and its duration depends on the pull-up resistor (RPUP) used and the capacitance of the
1-Wire network attached. The voltage VILMAX is relevant for the DS28E83 when determining a logical level, not triggering
any events.
Figure 3 shows the initialization sequence required to begin any communication with the DS28E83. A reset pulse followed
by a presence pulse indicates that the DS28E83 is ready to receive data, given the correct ROM and device function
command. If the bus controller uses slew-rate control on the falling edge, it must pull down the line for tRSTL + tF to
compensate for the edge. A tRSTL duration of 480μs or longer exits the overdrive mode, returning the device to standard
speed. If the DS28E83 is in overdrive mode and tRSTL is no longer than 80μs, the device remains in overdrive mode. If
the device is in overdrive mode and tRSTL is between 80μs and 480μs, the device resets, but the communication speed
is undetermined.
After the bus controller has released the line, it goes into receive mode. Now the 1-Wire bus is pulled to VPUP through
the pull-up resistor or, in the case of a special driver chip, through the active circuitry. When the threshold VTH is crossed,
the DS28E83 waits for tPDH and then transmits a presence pulse by pulling the line low for tPDL. To detect a presence
pulse, the controller must test the logical state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of tPDHMAX, tPDLMAX, and tRECMIN. Immediately after tRSTH is expired,
the DS28E83 is ready for data communication. In a mixed population network, tRSTH should be extended to minimum
480μs at standard speed and 48μs at overdrive speed to accommodate other 1-Wire devices.
tRSTL
tPDH
tPDL
tREC
tRSTH
VPUP
VIHCONTROLLER
VTH
VTL
VILMAX
0V
ε
tMSP
CONTROLLER Tx RESET PULSE
CONTROLLER Rx PRESENCE PULSE
RESISTOR (RPUP)
CONTROLLER
1-Wire PERIPHERAL
tF
Figure 3. Initialization Procedure: Reset and Presence Pulse
Read/Write Time Slots
Data communication with the DS28E83 takes place in time slots that carry a single bit each. Write time slots transport
data from bus controller to peripheral. Read time slots transfer data from peripheral to controller. Figure 4 illustrates the
definitions of the write and read time slots.
All communication begins with the controller pulling the data line low. As the voltage on the 1-Wire line falls below the
threshold VTL, the DS28E83 starts its internal timing generator that determines when the data line is sampled during a
write time slot and how long data is valid during a read time slot.
Controller to Peripheral
For a write-one time slot, the voltage on the data line must have crossed the VTH threshold before the write-one low
time tW1LMAX is expired. For a write-zero time slot, the voltage on the data line must stay below the VTH threshold until
the write-zero low time tW0LMIN is expired. For the most reliable communication, the voltage on the data line should not
exceed VILMAX during the entire tW0L or tW1L window. After the VTH threshold has been crossed, the DS28E83 needs
a recovery time tREC before it is ready for the next time slot.
Peripheral to Controller
A read-data time slot begins like a write-one time slot. The voltage on the data line must remain below VTL until the read
DS28E83
DeepCover Radiation-Resistant 1-Wire
Authenticator
www.analog.com
Analog Devices | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com