Electronic Components Datasheet Search
  English  ▼

X  

TDA1521 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1521
Description  2 x 12 W hi-fi audio power amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1521 Datasheet HTML 1Page - NXP Semiconductors TDA1521 Datasheet HTML 2Page - NXP Semiconductors TDA1521 Datasheet HTML 3Page - NXP Semiconductors TDA1521 Datasheet HTML 4Page - NXP Semiconductors TDA1521 Datasheet HTML 5Page - NXP Semiconductors TDA1521 Datasheet HTML 6Page - NXP Semiconductors TDA1521 Datasheet HTML 7Page - NXP Semiconductors TDA1521 Datasheet HTML 8Page - NXP Semiconductors TDA1521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
July 1994
5
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
Fig.2 Power derating curve.
THERMAL RESISTANCE
HEATSINK DESIGN EXAMPLE
With derating of 2,5 K/W, the value of heatsink thermal resistance is calculated as follows:
given RL = 8 Ω and VP = ±16 V, the measured maximum dissipation is 14,6 W; then, for a maximum ambient temperature
of 65
°C, the required thermal resistance of the heatsink is
Note: The internal metal block (heatsink) has the same potential as pin 5 (
−VP).
From junction to case
Rth j-c = 2,5 K/W
R
th h
a
–
150
65
–
14 6
,
----------------------
25
33 K W
⁄
,
=
,
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com