Electronic Components Datasheet Search
  English  ▼

X  

LTC3221 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3221
Description  Micropower, Regulated Charge Pump in 2 횞 2 DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3221 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3221 Datasheet HTML 4Page - Linear Technology LTC3221 Datasheet HTML 5Page - Linear Technology LTC3221 Datasheet HTML 6Page - Linear Technology LTC3221 Datasheet HTML 7Page - Linear Technology LTC3221 Datasheet HTML 8Page - Linear Technology LTC3221 Datasheet HTML 9Page - Linear Technology LTC3221 Datasheet HTML 10Page - Linear Technology LTC3221 Datasheet HTML 11Page - Linear Technology LTC3221 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3221/
LTC3221-3.3/LTC3221-5
9
3221f
be expressed by the following equation:
R
VV
If
C
OL MIN
IN
OUT
OUT
OSC
FLY
()
–
•
≡≅
21
where fOSC is the switching frequency (600kHz) and CFLY
is the value of the flying capacitor. The charge pump will
typically be weaker than the theoretical limit due to ad-
ditional switch resistance. However, for very light load ap-
plications, the above expression can be used as a guideline
in determining a starting capacitor value.
Ceramic Capacitors
Capacitors of different materials lose their capacitance
with higher temperature and voltage at different rates.
For example, a ceramic capacitor made of X7R material
will retain most of its capacitance from – 40°C to 85°C,
whereas, a Z5U or Y5V style capacitor will lose considerable
capacitance over that range. Z5U and Y5V capacitors may
also have a very strong voltage coefficient causing them
to lose 50% or more of their capacitance when the rated
voltage is applied. Therefore when comparing different
capacitors, it is often more appropriate to compare the
amount of achievable capacitance for a given case size
rather than discussing the specified capacitance value.
For example, over rated voltage and temperature condi-
tions, a 1µF 10V Y5V ceramic capacitor in a 0603 case
may not provide any more capacitance than a 0.22µF 10V
X7R capacitor available in the same 0603 case. In fact,
for most LTC3221-3.3/LTC3221-5/LTC3221 applications,
these capacitors can be considered roughly equivalent. The
capacitor manufacturer’s data sheet should be consulted
to determine what value of capacitor is needed to ensure
0.6µF at all temperatures and voltages.
Table 1 shows a list of ceramic capacitor manufacturers
and how to contact them.
Table 1. Ceramic Capacitor Manufacturers
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
APPLICATIO S I FOR ATIO
Programming the LTC3221 Output Voltage (FB Pin)
While the LTC3221-3.3/LTC3221-5 versions have internal
resistive dividers to program the output voltage, the pro-
grammable LTC3221 may be set to an arbitrary voltage via
an external resistive divider. Figure 3 shows the required
voltage divider connection.
Figure 3. Programming the Adjustable LTC3221
4
3
6
VOUT = 1.23V (1 +
)
COUT
VOUT
3221 F03
FB
R1
LTC3221
R2
GND
C1
R1
R2
The voltage divider ratio is given by the expression:
R
R
V
V
OUT
1
21 23
1
=
.
–
Since the LTC3221 employs a voltage doubling charge
pump, it is not possible to achieve output voltages greater
than twice the available input voltage. The VIN supply
range required for regulation is given by the following
expression:
Maximum VIN < VOUT + 0.6
Minimum V
VI
R
or
V
IN
OUT
OUT
OL
=
+
()
•
.;
2
18
whichever is higher
Where ROL is the effective open-loop output resistance and
IOUT is the maximum load current. VIN cannot be higher
than VOUT by more than 0.6V, or else the line regulation
is poor. Also, VIN has to be higher than the minimum
operating voltage of 1.8V.
The sum of the voltage divider resistors can be made large
to keep the quiescent current to a minimum. Any standing
current in the output divider (given by 1.23/R2) will be
reflected by a factor of 2 in the input current. A reasonable
resistance value should be such that the standing current
is in the range of 10µA to 100µA when VOUT is regulated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com