Electronic Components Datasheet Search
  English  ▼

X  

LTC3717-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3717-1
Description  Wide Operating Range, No RSENSE TM Step-Down Controller for DDR/QDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3717-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3717-1 Datasheet HTML 1Page - Linear Technology LTC3717-1 Datasheet HTML 2Page - Linear Technology LTC3717-1 Datasheet HTML 3Page - Linear Technology LTC3717-1 Datasheet HTML 4Page - Linear Technology LTC3717-1 Datasheet HTML 5Page - Linear Technology LTC3717-1 Datasheet HTML 6Page - Linear Technology LTC3717-1 Datasheet HTML 7Page - Linear Technology LTC3717-1 Datasheet HTML 8Page - Linear Technology LTC3717-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3717-1
sn37171 37171fs
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 34°C/ W
EXPOSED PAD IS SGND (PIN 33) MUST BE SOLDERED TO PCB
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
QFN PART MARKING
32 31 30 29 28 27 26 25
9
10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm
× 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VON
PGOOD
VRNG
ITH
SGND
ION
VFB
NC
SW
SENSE+
NC
SENSE–
PGND
BG
DRVCC
INTVCC
33
LTC3717EUH-1
37171
(Note 1)
Boosted Topside Driver Supply Voltage
(BOOST) ............................................... 42V to – 0.3V
VIN, ION, SW, SENSE+ Voltage .................. 36V to –0.3V
EXTVCC, DRVCC, RUN/SS, PGOOD,
(BOOST – SW) Voltages ............................ 7V to – 0.3V
VON, VREF, VRNG Voltages .......(INTVCC + 0.3V) to –0.3V
ITH, VFB Voltages...................................... 2.7V to –0.3V
TG, BG, INTVCC, EXTVCC, DRVCC Peak Currents ....... 2A
TG, BG, INTVCC, EXTVCC, DRVCC RMS Currents .. 50mA
Operating Ambient Temperature
Range (Note 4) ................................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
Reflow Peak Body Temperature ............................ 260
°C
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 15V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Buck Regulator
IQ(VIN)
Input DC Supply Current (VIN)
Normal
1000
2000
µA
Shutdown Supply Current
VRUN/SS = 0V
15
30
µA
VFB
Feedback Voltage Accuracy
ITH = 1.2V (Note 3), VREF = 2.4V
q
– 0.65
0.1
0.65
%
∆VFB(LINE)
Feedback Voltage Line Regulation
VIN = 4V to 36V, ITH = 1.2V (Note 3)
0.002
%/V
∆VFB(LOAD)
Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
q
– 0.05
– 0.3
%
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
0.93
1.13
1.33
mS
tON
On-Time
ION = 30µA, VON = 0V
186
233
280
ns
ION = 60µA, VON = 0V
95
115
135
ns
tON(MIN)
Minimum On-Time
ION = 180µA
50
100
ns
tOFF(MIN)
Minimum Off-Time
300
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = VREF/2 – 50mV
q
108
135
162
mV
VPGND – VSW (Source)
VRNG = 0V, VFB = VREF/2 – 50mV
q
76
95
114
mV
VRNG = INTVCC, VFB = VREF/2 – 50mV
q
148
185
222
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = VREF/2 + 50mV
q
–140
–165
–190
mV
VPGND – VSW (Sink)
VRNG = 0V, VFB = VREF/2 + 50mV
q
–97
–115
–133
mV
VRNG = INTVCC, VFB = VREF/2 + 50mV
q
– 200
– 235
– 270
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com