Electronic Components Datasheet Search
  English  ▼

X  

DPNA-100 Datasheet(PDF) 1 Page - Festo Corporation.

Part # DPNA-100
Description  Multi-position kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DPNA-100 Datasheet(HTML) 1 Page - Festo Corporation.

  DPNA-100 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-position kit
DPNA-100
Part number: 537272
General operating condition
Data sheet
Feature
Value
Size
100
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
-40 °C ... 150 °C
Product weight
712 g
Note on materials
RoHS-compliant
Material of flange
Wrought aluminum alloy
Material of screws
Steel, galvanized
Material of centering elements
High-alloy steel
8/9/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - DPNA-100

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPNA-12 FESTO-DPNA-12 Datasheet
75Kb / 1P
Multi-position kit
DPNA-16 FESTO-DPNA-16 Datasheet
75Kb / 1P
Multi-position kit
More results

Similar Description - DPNA-100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72928 POMONA-72928 Datasheet
130Kb / 1P
SMD Multi-Use Test Kit
72934 POMONA-72934 Datasheet
399Kb / 3P
Multi-RF Direct Adapter Kit
logo
Tyco Electronics
C-2008615 MACOM-C-2008615 Datasheet
107Kb / 1P
RECEPTACLE KIT, 8 POSITION INDUSTRIAL ETHERNET CONNECTOR
logo
List of Unclassifed Man...
HEK-200 ETC2-HEK-200 Datasheet
456Kb / 4P
MULTI-ACTUATION HAPTIC KIT
logo
C&K Components
7105L40YZBE CK-COMPONENTS-7105L40YZBE Datasheet
1Mb / 14P
Multi-pole and multi-position
A20505MNZQE CK-COMPONENTS-A20505MNZQE Datasheet
290Kb / 5P
Multi-pole and multi-position
7105T1ZQE CK-COMPONENTS-7105T1ZQE Datasheet
1Mb / 14P
Multi-pole and multi-position
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
Multi-pole and multi-position
A10403RNCQ CK-COMPONENTS-A10403RNCQ Datasheet
299Kb / 5P
Multi-pole and multi-position
logo
TT Electronics.
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
LH3 Torque & Multi-Turn Position Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com