Electronic Components Datasheet Search
  English  ▼

X  

LTC3822-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3822-1
Description  No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3822-1 Datasheet HTML 16Page - Linear Technology LTC3822-1 Datasheet HTML 17Page - Linear Technology LTC3822-1 Datasheet HTML 18Page - Linear Technology LTC3822-1 Datasheet HTML 19Page - Linear Technology LTC3822-1 Datasheet HTML 20Page - Linear Technology LTC3822-1 Datasheet HTML 21Page - Linear Technology LTC3822-1 Datasheet HTML 22Page - Linear Technology LTC3822-1 Datasheet HTML 23Page - Linear Technology LTC3822-1 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3822-1
21
38221f
Figure 11. 3.3VIN 1.8V/12A High Efficiency High Current 300kHz Step-Down Converter
APPLICATIONS INFORMATION
47
µF
×2
Si7882DP
*TAIYO YUDEN JMK325BJ107MM
**TOKO FDU0650
Si7882DP
VIN
3.3V
VOUT
1.8V
12A
38221 F07
13.7k
1M
680pF
IPRG
VIN
PLLLPF
SW
SENSE–
BOOST
TG
RUN
PGOOD
SYNC/MODE
ITH
VFB
BG
GND
LTC3822EGN-1
TRACK/SS
59k
1%
0.22
µF
0.56
µH**
100
µF*
×2
33pF
118k 1%
68pF
LOAD CURRENT (mA)
65
95
60
55
90
75
85
80
70
10
1000
10000
100000
38221 F11b
50
100
Burst Mode
OPERATION
PULSE
SKIPPING
CONTINUOUS
MODE
VOUT
200mV/DIV
AC COUPLED
INDUCTOR
CURRENT
5A/DIV
VIN = 3.3V
VOUT = 1.8V
FORCED CONTINUOUS MODE 1A TO 6A
50
µs/DIV
38221 F11c
Efficiency
Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com