Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS180 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS180
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIRS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS180 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75ALS180 Datasheet HTML 9Page - Texas Instruments SN75ALS180 Datasheet HTML 10Page - Texas Instruments SN75ALS180 Datasheet HTML 11Page - Texas Instruments SN75ALS180 Datasheet HTML 12Page - Texas Instruments SN75ALS180 Datasheet HTML 13Page - Texas Instruments SN75ALS180 Datasheet HTML 14Page - Texas Instruments SN75ALS180 Datasheet HTML 15Page - Texas Instruments SN75ALS180 Datasheet HTML 16Page - Texas Instruments SN75ALS180 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SN65ALS180, SN75ALS180
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SLLS052G – AUGUST 1987 – REVISED APRIL 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS – RECEIVERS
Figure 16
2
1
0
0
0.5
1
1.5
3
4
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
5
2
2.5
3
VCC = 5 V
VCC = 4.75 V
VID = 0.2 V
Load = 8 k
Ω to GND
TA = 25°C
VI – Enable Voltage – V
VCC = 5.25 V
Figure 17
3
2
1
0
0
0.5
1
4
5
OUTPUT VOLTAGE
vs
ENABLE VOLTAGE
6
1.5
2
2.5
3
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
VI – Enable Voltage – V
VID = 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
APPLICATION INFORMATION
Up to
32 Transceivers
NOTE A: The line should terminate at both ends in its characteristic impedance (RT = ZO). Stub lengths off the main line should be kept as short
as possible.
RT
RT
SN65ALS180
SN75ALS180
SN65ALS180
SN75ALS180
Figure 18. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com