Electronic Components Datasheet Search
  English  ▼

X  

RH1056 Datasheet(PDF) 1 Page - Linear Technology

Part # RH1056
Description  Precision, High Speed, JFET Input Operational Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1056 Datasheet(HTML) 1 Page - Linear Technology

  RH1056 Datasheet HTML 1Page - Linear Technology RH1056 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DICE/DWF SPECIFICATION
1
RH1056
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PAD FUNCTION
1.
2.
3.
4.
5.
6.
7.
BALANCE
– IN
+ IN
V–
BALANCE
OUT
V+
59mils × 78mils,
Backlap: 12mils
Backside (substrate) is an alloyed gold layer.
DIE CROSS REFERENCE (Notes 1 and 2)
LTC Finished
Part Number
Order DICE CANDIDATE
Part Number Below
RH1056A
RH1056A
RH1056 DICE
RH1056 DWF*
Please refer to LTC standard product data sheet for
other applicable product information.
*DWF = DICE in wafer form.
Precision, High Speed, JFET
Input Operational Amplifier
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
DICE ELECTRICAL TEST LIMITS (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
(Note 3)
0.5
mV
IOS
Input Offset Current
(Note 4)
50
pA
IB
Input Bias Current
(Note 4)
200
pA
AVOL
Large Signal Voltage Gain
VO = ±10V, RL = 2k
120
V/mV
6
1
7
2
3
5
4


Similar Part No. - RH1056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1056 LINER-RH1056 Datasheet
115Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
logo
Analog Devices
RH1056A AD-RH1056A Datasheet
155Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
Rev E
logo
Linear Technology
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
More results

Similar Description - RH1056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
High Speed, Precision JFET Input Operational Amplifier?
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
High Speed, Precision JFET Input Operational Amplifier
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
Precision, High Speed, JFET Input Operational Amplifier
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
Precision, JFET Input Operational Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com