Electronic Components Datasheet Search
  English  ▼

X  

65ALS180 Datasheet(PDF) 5 Page - Texas Instruments

Part # 65ALS180
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIRS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65ALS180 Datasheet(HTML) 5 Page - Texas Instruments

  65ALS180 Datasheet HTML 1Page - Texas Instruments 65ALS180 Datasheet HTML 2Page - Texas Instruments 65ALS180 Datasheet HTML 3Page - Texas Instruments 65ALS180 Datasheet HTML 4Page - Texas Instruments 65ALS180 Datasheet HTML 5Page - Texas Instruments 65ALS180 Datasheet HTML 6Page - Texas Instruments 65ALS180 Datasheet HTML 7Page - Texas Instruments 65ALS180 Datasheet HTML 8Page - Texas Instruments 65ALS180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN65ALS180, SN75ALS180
DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SLLS052G – AUGUST 1987 – REVISED APRIL 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVERS
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
V
VO
Output voltage
IO = 0
0
6
V
|VOD1|
Differential output voltage
IO = 0
1.5
6
V
|VOD2|
Differential output voltage
RL = 100 Ω,
See Figure 1
1/2 VOD1
or 2§
V
OD2
g
RL = 54 Ω,
See Figure 1
1.5
2.5
5
VOD3
Differential output voltage
Vtest = –7 V to 12 V,
See Figure 2
1.5
5
V
∆|VOD|
Change in magnitude of
differential output voltage¶
RL = 54 Ω or 100 Ω,
See Figure 1
±0.2
V
VOC
Common-mode output voltage
RL = 54 Ω or 100 Ω,
See Figure 1
3
–1
V
∆|VOC|
Change in magnitude of
common-mode output voltage¶
RL = 54 Ω or 100 Ω,
See Figure 1
±0.2
V
IO
Output current
Output disabled
VO = 12 V
1
mA
IO
Output current
(see Note 5)
VO = –7 V
–0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
–400
µA
#
VO = –6 V
SN75ALS180
–250
#
VO = –4 V
SN65ALS180
–250
IOS
Short-circuit output current#
VO = 0
All
–150
mA
VO = VCC
All
250
VO = 8 V
All
250
ICC
Supply current
No load
Driver outputs enabled,
Receiver disabled
25
30
mA
CC
y
Outputs disabled
19
26
† The power-off measurement in TIA/EIA-422-B applies to disabled outputs only and is not applied to combined inputs and outputs.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The minimum VOD2 with 100-Ω load is either 1/2 VOD2 or 2 V, whichever is greater.
∆|VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to a low
level.
# Duration of the short circuit should not exceed one second for this test.
NOTE 5: This applies for both power on and off; refer to TIA/EIA-485-A for exact conditions. The TIA/EIA-422-B limit does not apply for a combined
driver and receiver terminal.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
td(OD)
Differential output delay time
RL = 54 Ω,
CL = 50 pF,
See Figure 3
3
8
13
ns
Pulse skew (
td(ODH) – td(ODL))
RL = 54 Ω,
CL = 50 pF,
See Figure 3
1
6
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
CL = 50 pF,
See Figure 3
3
8
13
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
23
50
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
19
24
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
8
13
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
8
13
ns
‡ All typical values are at VCC = 5 V and TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com