Electronic Components Datasheet Search
  English  ▼

X  

ATS16351PSM Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS16351PSM
Description  Self-Calibrating TPOS GMR Camshaft Speed Sensor IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS16351PSM Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS16351PSM Datasheet HTML 1Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 2Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 3Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 4Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 5Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 6Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 7Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 8Page - Allegro MicroSystems ATS16351PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Self-Calibrating TPOS
GMR Camshaft Speed Sensor IC
ATS16351PSM
2
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PROGRAMMABLE OPTIONS
Name
Available Selections*
Output Polarity
Low opposite target tooth / high opposite target valley
(L Option)
High opposite target tooth / low opposite target valley
(H Option)
Switch Point Variation
C82C85D30D30
(S01 Option)
C89C89D0D0
(S00 Option)
S(00-99): C(25-102) C(25-102) D(0-30)D(0-30) indicating threshold level and dynamic slope.
1st and 2nd C(25-102) indicates rising and falling threshold level from C25 to C102 that corresponds to ~20% to
~80% switch point threshold level with a step of ~0.78%.
1st and 2nd D(0-30) indicates rising and falling threshold dynamic slope from D1 to D30 that corresponds to
~0.225 to ~0.975%/mV with a step of ~0.025%/mV.
Teeth Memory
Number of teeth (memory count); programmable from 1 to 13
(Nx Option)
Output Fall Time
Slow: typical 5 µs
(S Option)
Average: typical 2.5 µs
(A Option)
Fast: typical 1.2 µs
(F Option)
Running Mode Hidden Hysteresis
10%
(S Option)
15%
(R Option)
20%
(B Option)
30%
(V Option)
Delay Time (tradeoff of jitter vs. speed effect)
No extra delay time
(smallest speed effect):
16.7 µs
(T1 Option)
Small extra delay: 19.7 µs
(T2 Option)
Medium extra delay:
20.3 µs
(T3 Option)
Large extra delay (best
jitter performance): 40 µs
(T4 Option)
Target Profiling Diagnostics
Magnetic profile available on output
(-D option)
Magnetic profile unavailable on output
([blank] option)
*Not all combinations of programmable options are available pre-programmed from Allegro. Contact Allegro for details.
SELECTION GUIDE
Part Number*
Package
Packing
ATS16351PSMGTN-LS01N12BFRT1-D
3-pin SIP with NiPdAu leadframe plating
Tape and reel, 800 pieces per 13-inch reel
ATS16351PSMGTN-LS00N12BFRT1-D
*Not all combinations of programmable options are available pre-programmed from Allegro. Contact Allegro for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com