Electronic Components Datasheet Search
  English  ▼

X  

CT450 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # CT450
Description  XtremeSense™ TMR Contactless Current Sensor with 1 MHz Bandwidth and Programmable Gain
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CT450 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button CT450 Datasheet HTML 9Page - Allegro MicroSystems CT450 Datasheet HTML 10Page - Allegro MicroSystems CT450 Datasheet HTML 11Page - Allegro MicroSystems CT450 Datasheet HTML 12Page - Allegro MicroSystems CT450 Datasheet HTML 13Page - Allegro MicroSystems CT450 Datasheet HTML 14Page - Allegro MicroSystems CT450 Datasheet HTML 15Page - Allegro MicroSystems CT450 Datasheet HTML 16Page - Allegro MicroSystems CT450 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
XtremeSense™ TMR Contactless Current Sensor
with 1 MHz Bandwidth and Programmable Gain
CT450
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
CT450-x12MR: ±12 mT – ELECTRICAL CHARACTERISTICS: Valid for VCC = 4.75 to 5.50 V, CBYP = 1.0 µF, and TA = –40°C
to 125°C, typical values are VCC = 5.00 V and TA = 25°C, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Magnetic Field Range
BRNG
–12
–
12
mT
Voltage Output Quiescent
VOQ
TA = 25°C, BOP = 0 mT
2.490
2.500
2.510
V
Sensitivity
S
BRNG(MIN) < BOP < BRNG(MAX)
–
166.7
–
mV/mT
Bandwidth [1]
fBW
Small Signal = –3 dB
–
1.0
–
MHz
Noise [1]
eN
TA = 25°C, fBW = 100 kHz
–
0.75
–
mVRMS
–
4.50
–
µTRMS
OUT ACCURACY PERFORMANCE
Non-Linearity Error
ELIN
–
±0.1
–
% FS
Sensitivity Error
ESENS
–
±0.3
–
% FS
Offset Voltage
VOFFSET BOP = 0 mT
–
±0.2
–
% FS
LIFETIME DRIFT
Total Output Error Lifetime Drift
ETOT_DRIFT
–
±1.0
–
% FS
[1]
Guaranteed by design and characterization; not tested in production.
ELECTRICAL CHARACTERISTICS FOR CT450-x12MR
VCC = 5.0 V, TA = 25°C, and CBYP = 1.0 µF (unless otherwise specified)
Figure 20: Total Output Error vs. B Field vs.
Temperature
Figure 21: Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com