Electronic Components Datasheet Search
  English  ▼

X  

DF06S1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # DF06S1
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF06S1 Datasheet(HTML) 3 Page - ON Semiconductor

  DF06S1 Datasheet HTML 1Page - ON Semiconductor DF06S1 Datasheet HTML 2Page - ON Semiconductor DF06S1 Datasheet HTML 3Page - ON Semiconductor DF06S1 Datasheet HTML 4Page - ON Semiconductor DF06S1 Datasheet HTML 5Page - ON Semiconductor DF06S1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DF005S1−DF10S1
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Typical Instantaneous Forward
Characteristics
Figure 4. Typical Reverse Characteristics
Figure 5. Maximum Average Current vs. Ambient
Temperature
Figure 6. Peak Forward Surge Current vs.
Number of Cycles at 60 Hz
Figure 7. Typical Junction Capacitance
10
0.3
1
0.1
0.01
0.4 0.5
TJ = 150°C
VF, Forward Voltage Drop (V)
0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
TJ = 125°C
TJ = 25°C
TJ = −55°C
0
0.0001
VR, Reverse Voltage (V)
50
100
150
200
250
300
350
400
100
10
1
0.1
0.01
0.001
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ = −55°C
60
0.0
Ambient Temperature (5C)
80
100
120
140
160
180
200
0.2
0.4
0.6
0.8
1.0
Max Pad (Single Die)
0
0
Number of Cycles at 60 Hz
10
20
30
40
20
40
60
80
100
0
0
VR, Reverse Voltage (V)
10
20
30
40
50
2
4
6
8
10
12
14
16
f = 1 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com