Electronic Components Datasheet Search
  English  ▼

X  

ES1D Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES1D
Description  1.0 A Ultra Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1D Datasheet(HTML) 2 Page - ON Semiconductor

  ES1D Datasheet HTML 1Page - ON Semiconductor ES1D Datasheet HTML 2Page - ON Semiconductor ES1D Datasheet HTML 3Page - ON Semiconductor ES1D Datasheet HTML 4Page - ON Semiconductor ES1D Datasheet HTML 5Page - ON Semiconductor ES1D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ES1A−ES1D
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS TA = 25°C Unless Otherwise Noted
Symbol
Parameter
Value
Units
1A
1B
1C
1D
VRRM
Maximum Repetitive Reverse Voltage
50
100
150
200
V
IF(AV)
Average Rectified Forward Current, @ TA = 120°C
1.0
A
IFSM
Non−repetitive Peak Forward Surge Current
8.3 ms Single Half−Sine−Wave
30
A
Tstg
Storage Temperature Range
−50 to +150
°C
TJm
Operating Junction Temperature
−50 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Units
PD
Power Dissipation
1.47
W
RθJA
Thermal Resistance, Junction to Ambient*
85
°C/W
RqJL
Thermal Resistance, Junction to Lead*
35
°C/W
*Device mounted on FR−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS TJ = 25°C Unless Otherwise Noted
Symbol
Parameter
Device
Units
1A
1B
1C
1D
VF
Forward Voltage @ 1.0 A
0.92
V
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
15
ns
IR
Reverse Current
@ rated VR
TA = 25_C
TA = 100_C
5.0
100
mA
CT
Total Capacitance
VR = 4.0 V, f = 1.0 MHz
7.0
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
PACKAGE MARKING AND ORDERING INFORMATION TBD
Device Marking
Device
Package
Quantity†
ES1A
ES1A
SMA
7500 / Tape & Reel
ES1B
ES1B
SMA
7500 / Tape & Reel
ES1C
ES1C
SMA
7500 / Tape & Reel
ES1D
ES1D
SMA
7500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com