Electronic Components Datasheet Search
  English  ▼

X  

ES2D Datasheet(PDF) 1 Page - ON Semiconductor

Part # ES2D
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES2D Datasheet(HTML) 1 Page - ON Semiconductor

  ES2D Datasheet HTML 1Page - ON Semiconductor ES2D Datasheet HTML 2Page - ON Semiconductor ES2D Datasheet HTML 3Page - ON Semiconductor ES2D Datasheet HTML 4Page - ON Semiconductor ES2D Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2001
April, 2022 − Rev. 2
1
Publication Order Number:
ES2D/D
Fast Rectifiers
ES2A-ES2D
Features
• For Surface Mount Applications
• Glass−Passivated Junction
• Low−Profile Package
• Easy Pick and Place
• Built−in Strain Relief
• Superfast Recovery Times for High Efficiency
• These are Pb−Free Devices
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
ES2A
ES2B
ES2C
ES2D
50
100
150
200
V
IF(AV)
Average Rectified Forward Current,
0.375″ Lead Length at TL = 115°C
2.0
A
IFSM
Non−Repetitive Peak Forward Surge
Current, 8.3 ms Single Half−Sine Wave
50
A
TSTG
Storage Temperature Range
−55 to +150
°C
TJ
Operating Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
Power Dissipation
1.66
W
RθJA
Thermal Resistance,
Junction to Ambient (Note 1)
75
°C/W
RθJL
Thermal Resistance,
Junction to Lead (Note 1)
20
°C/W
1. Device mounted on FR−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Unit
ES2A
ES2B
ES2C
ES2D
VF
Maximum Forward Voltage
IF = 2.0 A
0.90
V
trr
Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A,
IRR = 0.25 A
20
ns
IR
Maximum Reverse Current at Rated VR
TA = 25_C
TA = 100_C
10
350
mA
CT
Total Capacitance
VR = 4.0 V, f = 1.0 MHz
18
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
SMB
CASE 403AF
MARKING DIAGRAM
ZYWW
ES2x
Z
= Assembly Plant Code
Y
= Year
WW
= Work Week
ES2x
= Specific Device Code
x = A, B, C, D
(COLOR BAND DENOTES CATHODE)
See detailed ordering and shipping information on page 3
of this data sheet.
ORDERING INFORMATION


Similar Part No. - ES2D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2D SSE-ES2D Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2D DIODES-ES2D Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2D FUJI-ES2D Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2D GE-ES2D Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ES2A FAIRCHILD-ES2A_01 Datasheet
51Kb / 3P
Fast Rectifiers
ES3A FAIRCHILD-ES3A Datasheet
146Kb / 4P
Fast Rectifiers
RGF1A FAIRCHILD-RGF1A_01 Datasheet
49Kb / 3P
Fast Rectifiers
UF4001 FAIRCHILD-UF4001_01 Datasheet
334Kb / 3P
Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N4147 NJSEMI-1N4147 Datasheet
91Kb / 1P
Fast Rectifiers
1N5318 NJSEMI-1N5318 Datasheet
78Kb / 1P
Fast Rectifiers
logo
Fairchild Semiconductor
RS1A FAIRCHILD-RS1A_11 Datasheet
85Kb / 3P
Fast Rectifiers
UF4001 FAIRCHILD-UF4001_05 Datasheet
42Kb / 3P
Fast Rectifiers
UF4003 FAIRCHILD-UF4003 Datasheet
42Kb / 3P
Fast Rectifiers
logo
SeCoS Halbleitertechnol...
FR101 SECOS-FR101_15 Datasheet
166Kb / 2P
Fast Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com