Electronic Components Datasheet Search
  English  ▼

X  

FES10D Datasheet(PDF) 1 Page - ON Semiconductor

Part # FES10D
Description  Ultrafast Rectifiers, Surface Mount, 10 A, 200 V - 600 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FES10D Datasheet(HTML) 1 Page - ON Semiconductor

  FES10D Datasheet HTML 1Page - ON Semiconductor FES10D Datasheet HTML 2Page - ON Semiconductor FES10D Datasheet HTML 3Page - ON Semiconductor FES10D Datasheet HTML 4Page - ON Semiconductor FES10D Datasheet HTML 5Page - ON Semiconductor FES10D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2020 − Rev. 4
1
Publication Order Number:
FES10D/D
Ultrafast Rectifiers,
Surface Mount,
10 A, 200 V - 600 V
FES10D, FES10G, FES10J
Features
• Very Low Profile: Typical Height of 1.1 mm
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Thermal Resistance
• Very Stable Operation at Industrial Temperature, 150°C
• RoHS Compliant
• Green Molding Compound as per IEC61249 Standard
• Lead Free in Compliance with EU RoHS 2011/65/EU Directive
• With DAP Option Only
• Industrial Device Qualified per AEC−Q101 Standards
* See authorized use policy
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
FES10D
FES10G
FES10J
VRRM
200
400
600
V
Average Forward Rectified Current
IF(AV)
10
A
Peak Forward Surge Current: 8.3 ms
Single Half Sine−Wave Superimposed
on Rated Load
IFSM
150
A
Operating Junction Temperature Range
TJ
−55 to
+175
°C
Storage Temperature Range
TSTG
−55 to
+175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
www.onsemi.com
TO−277−3LD
CASE 340BQ
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
2
1
3
3
Anode 1
Anode 2
Cathode
MARKING DIAGRAM
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Date Code (Year & Week)
*
= Specific Device Code
FES10D, FES10G, FES10J
$Y&Z&3
*


Similar Part No. - FES10D

ManufacturerPart #DatasheetDescription
logo
Power-One
FES100ZD-A POWER-ONE-FES100ZD-A Datasheet
1Mb / 3P
300 WATT
More results

Similar Description - FES10D

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200A6 NIEC-PDMB200A6_1 Datasheet
156Kb / 4P
200 A 600 V
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Kersemi Electronic Co.,...
MUR1630 KERSEMI-MUR1630 Datasheet
442Kb / 5P
ULTRAFAST RECTIFIERS 1.0 A, 50 V ??600 V
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
35 A, 600 V Ultrafast IGBT
06-Nov-2012
logo
Fairchild Semiconductor
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
10 A, 200 V, Ultrafast Diode
logo
STMicroelectronics
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
19 A, 600 V - ultrafast IGBT
07-Nov-2016
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com