Electronic Components Datasheet Search
  English  ▼

X  

TDA1541 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1541
Description  Dual 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1541 Datasheet HTML 4Page - NXP Semiconductors TDA1541 Datasheet HTML 5Page - NXP Semiconductors TDA1541 Datasheet HTML 6Page - NXP Semiconductors TDA1541 Datasheet HTML 7Page - NXP Semiconductors TDA1541 Datasheet HTML 8Page - NXP Semiconductors TDA1541 Datasheet HTML 9Page - NXP Semiconductors TDA1541 Datasheet HTML 10Page - NXP Semiconductors TDA1541 Datasheet HTML 11Page - NXP Semiconductors TDA1541 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
November 1985
8
Philips Semiconductors
Product specification
Dual 16-bit DAC
TDA1541
* Signal-to-noise ratio
+ THD with 1 kHz full scale sinewave generated at a sampling rate of 176,4 kHz.
** Vripple = 1% of supply voltage and fripple = 100 Hz.
Signal -to-noise ratio + THD*
S/N
90
95
−
dB
Settling time to
± 1 LSB
tcs
−
1
−µs
Channel separation
α
80
tbf
−
dB
Unbalance between outputs
∆IFS
−
0,1
0,2
dB
Time delay between outputs
td
−−
1
µs
Power supply ripple rejection**
VDD = +5 V
RR
−
tbf
−
dB
VDD1 = −5 V
RR
−
tbf
−
dB
VDD2 = −15 V
RR
−
tbf
−
dB
Signal-to-noise ratio
at bipolar zero
S/N
−−100
−
dB
Timing (see Figs 3, 4 and 5)
Rise time
tr
−−
35
ns
Fall time
tf
−−
35
ns
Bit clock cycle time
tCY
160
−−
ns
Bit clock HIGH time
tHB
48
−−
ns
Bit clock LOW time
tLB
48
−−
ns
Bit clock fall time to latch rise time
tFBRL
0
−−
ns
Bit clock rise time to latch fall time
tRBFL
0
−−
ns
Data set-up time to bit clock
tSDB
32
−−
ns
Data hold time to bit clock
tHDB
0
−−
ns
Data set-up time to system clock
tSDS
32
−−
ns
Word select hold time to system clock
tHWS
0
−−
ns
Word select set-up time to system clock
tSWS
32
−−
ns
Bit clock fall time to system clock rise time
tFBRS
32
−−
ns
System clock rise time to bit clock fall time
tRSFB
32
−−
ns
System clock fall time to bit clock rise time
tFSRB
50
−−
ns
Bit clock rise time to system clock fall time
tRBFS
0
−−
ns
Latch enable LOW time
tLLE
20
−−
ns
Latch enable HIGH time
tHLE
32
−−
ns
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com