Electronic Components Datasheet Search
  English  ▼

X  

TDA1541A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA1541A
Description  Stereo high performance 16-bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1541A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA1541A Datasheet HTML 4Page - NXP Semiconductors TDA1541A Datasheet HTML 5Page - NXP Semiconductors TDA1541A Datasheet HTML 6Page - NXP Semiconductors TDA1541A Datasheet HTML 7Page - NXP Semiconductors TDA1541A Datasheet HTML 8Page - NXP Semiconductors TDA1541A Datasheet HTML 9Page - NXP Semiconductors TDA1541A Datasheet HTML 10Page - NXP Semiconductors TDA1541A Datasheet HTML 11Page - NXP Semiconductors TDA1541A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
February 1991
9
Philips Semiconductors
Product specification
Stereo high performance 16-bit DAC
TDA1541A
Notes to Fig.4
• The sample frequency 8FS: 352.8 kHz.
• Ref: 0 dB is the output level of a full scale digital sine wave stimulus.
Fig.4 Distortion as a function of frequency (8FS).
(1) Measured including all distortion plus noise at a signal level of
−60 dB.
(2) Measured including all distortion plus noise at a signal level of
−0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com