Electronic Components Datasheet Search
  English  ▼

X  

TDA1545AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA1545AT
Description  Stereo continuous calibration DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1545AT Datasheet HTML 1Page - NXP Semiconductors TDA1545AT Datasheet HTML 2Page - NXP Semiconductors TDA1545AT Datasheet HTML 3Page - NXP Semiconductors TDA1545AT Datasheet HTML 4Page - NXP Semiconductors TDA1545AT Datasheet HTML 5Page - NXP Semiconductors TDA1545AT Datasheet HTML 6Page - NXP Semiconductors TDA1545AT Datasheet HTML 7Page - NXP Semiconductors TDA1545AT Datasheet HTML 8Page - NXP Semiconductors TDA1545AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Sep 04
2
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
FEATURES
• Space saving packages
• Low power consumption
• Low total harmonic distortion
• Wide dynamic range (16-bit resolution)
• Continuous calibration concept
• Easy application: single 3 to 5.5 V rail power supply and
output- and bias current are proportional to the supply
voltage
• Fast settling time permits 2×, 4× and 8× oversampling
(serial input) or double speed operation at 4
×
oversampling
• Internal bias current ensures maximum dynamic range
• Wide operating temperature range of −40 to +85 °C
• Compatible with most of the Japanese input formats:
time multiplexed, two's complement and TTL
• No zero crossing distortion.
GENERAL DESCRIPTION
The TDA1545A is the first device of a new generation of
the digital-to-analog converters which embodies the
innovative technique of continuous calibration. The largest
bit-currents are repeatedly generated by one single
current reference source. This duplication is based upon
an internal charge storage principle having an accuracy
insensitive to ageing, temperature and process variations.
The device is fabricated in a 1.0
µm CMOS process and
features an extremely low power dissipation, small
package size and easy application. Furthermore, the
accuracy of the high coarse current combined with the
implemented symmetrical offset decoding method
preclude zero-crossing distortion and ensures high quality
audio reproduction. Therefore, the continuous calibration
digital-to-analog converter is eminently suitable for use in
(portable) digital audio equipment.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1545A
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TDA1545AT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
TDA1545ATT
TSSOP14
plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com