Electronic Components Datasheet Search
  English  ▼

X  

8171507 Datasheet(PDF) 3 Page - Festo Corporation.

Part # 8171507
Description  Positioner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8171507 Datasheet(HTML) 3 Page - Festo Corporation.

  8171507 Datasheet HTML 1Page - Festo Corporation. 8171507 Datasheet HTML 2Page - Festo Corporation. 8171507 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Housing material
PC-reinforced
Inspection window material
PC
Base plate material
Wrought aluminum alloy, anodized
Shaft material
High-alloy stainless steel
Quick-coupling material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Seals material
NBR
Material for cable connector
PA
Blanking plug material
PA
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Product weight
970 g
Dimensions W x L x H
190 mm x 105 mm x 130 mm
7/21/24 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com