Electronic Components Datasheet Search
  English  ▼

X  

TDA1548TZ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA1548TZ
Description  Bitstream continuous calibration filter-DAC with headphone driver and DSP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1548TZ Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA1548TZ Datasheet HTML 1Page - NXP Semiconductors TDA1548TZ Datasheet HTML 2Page - NXP Semiconductors TDA1548TZ Datasheet HTML 3Page - NXP Semiconductors TDA1548TZ Datasheet HTML 4Page - NXP Semiconductors TDA1548TZ Datasheet HTML 5Page - NXP Semiconductors TDA1548TZ Datasheet HTML 6Page - NXP Semiconductors TDA1548TZ Datasheet HTML 7Page - NXP Semiconductors TDA1548TZ Datasheet HTML 8Page - NXP Semiconductors TDA1548TZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Nov 15
4
Philips Semiconductors
Product specification
Bitstream continuous calibration filter-DAC
with headphone driver and DSP
TDA1548T
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
16 (4-bit)
CALIBRATED
CURRENT
SOURCES
16 (4-bit)
CALIBRATED
CURRENT
SINKS
LEFT
OUTPUT
SWITCHES
16 (4-bit)
CALIBRATED
CURRENT
SOURCES
16 (4-bit)
CALIBRATED
CURRENT
SINKS
RIGHT
OUTPUT
SWITCHES
REFERENCE
SOURCE
2nd ORDER
NOISE SHAPER
DATA
ENCODER
2nd ORDER
NOISE SHAPER
DATA
ENCODER
8 x OVERSAMPLING
(SAMPLE-AND-HOLD)
8 x OVERSAMPLING
(SAMPLE-AND-HOLD)
LINEAR INTERPOLATOR
FILTER STAGE 2
FILTER STAGE 1
SOUND CONTROL
SERIAL DATA INPUT
SOFT MUTE CONTROL
VOLUME CONTROL
−
+
VOLUME
AND
SOUND
CONTROL
V
DDA
V
DDA
V
SSA
V
SSA
V
SSA
Vref
10
µF
OP4
−
+
OP2
−
OP3
OP1
6 k
Ω
6 k
Ω
1 fs
2 fs
4 fs
8 fs
−
+
TIMING
MUTE
DEEM
AD3S
ADVC
ADBB
ADTR
ADref
IF1
IF2
DATA
WS
BCK
13
12
SYSCLK
CLSEL
17
5
MODE0
MODE1
6
11
V
SSD
V
DDD
R
CONV2
10
26
R
CONV1
1.2 k
Ω
1.2 k
Ω
FILTCR
FILTCL
VOR
1.8 nF
CEXT2
VOL
1.8 nF
CEXT1
27
24
MGC668
14
9
8
7
16
15
22
21
20
19
18
TDA1548T
23
2
28
1
25
3
4
V
SSO
V
SSA
V
DDO
V
DDA
V
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com